Electronic Components Datasheet Search |
|
LMC6482IMMX Datasheet(PDF) 8 Page - Texas Instruments |
|
|
LMC6482IMMX Datasheet(HTML) 8 Page - Texas Instruments |
8 / 39 page LMC6482 SNOS674E – NOVEMBER 1997 – REVISED APRIL 2015 www.ti.com Electrical Characteristics for V + = 3 V (continued) Unless otherwise specified, all limits specified for TJ = 25°C, V + = 3V, V− = 0V, V CM = VO = V +/2 and R L > 1M. At Temperature TJ = 25°C Extremes(1) PARAMETER TEST CONDITIONS UNIT MIN TYP(2) MAX(3) MIN TYP(2) MAX(3) LMC6482AI 68 80 Power Supply 3 V ≤ V+ ≤ 15 V, PSRR Rejection LMC6482I 60 80 dB V− = 0 V Ratio LMC6482M 60 80 LMC6482AI V− −0.25 0 LMC6482I V− −0.25 0 V Input LMC6482M V− −0.25 0 Common- For CMRR ≥ 50 VCM Mode Voltage dB LMC6482AI V+ V+ + 0.25 Range LMC6482I V+ V+ + 0.25 V LMC6482M V+ V+ + 0.25 2.8 V RL = 2 kΩ to V +/2 0.2 V LMC6482AI 2.5 2.7 LMC6482I 2.5 2.7 V VO Output Swing LMC6482M 2.5 2.7 RL = 600 Ω to V+/2 LMC6482AI 0.37 0.6 LMC6482I 0.37 0.6 V LMC6482M 0.37 0.6 LMC6482AI 0.825 1.2 1.5 IS Supply Current Both Amplifiers LMC6482I 0.825 1.2 1.5 mA LMC6482M 0.825 1.2 1.6 AC Electrical Characteristics SR Slew Rate See (4) 0.9 V/ μs Gain- 1 MHz GBW Bandwidth Product Total F = 10 kHz, AV = −2 T.H.D. Harmonic RL = 10 kΩ, VO = 2 VPP 0.01% Distortion (4) Connected as voltage Follower with 2-V step input. Number specified is the slower of either the positive or negative slew rates. 8 Submit Documentation Feedback Copyright © 1997–2015, Texas Instruments Incorporated Product Folder Links: LMC6482 |
Similar Part No. - LMC6482IMMX |
|
Similar Description - LMC6482IMMX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |