Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7322QMAX Datasheet(PDF) 9 Page - Texas Instruments

Part # LM7322QMAX
Description  Unlimited Capacitive Load Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7322QMAX Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM7322QMAX Datasheet HTML 5Page - Texas Instruments LM7322QMAX Datasheet HTML 6Page - Texas Instruments LM7322QMAX Datasheet HTML 7Page - Texas Instruments LM7322QMAX Datasheet HTML 8Page - Texas Instruments LM7322QMAX Datasheet HTML 9Page - Texas Instruments LM7322QMAX Datasheet HTML 10Page - Texas Instruments LM7322QMAX Datasheet HTML 11Page - Texas Instruments LM7322QMAX Datasheet HTML 12Page - Texas Instruments LM7322QMAX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
LM7321, LM7322
www.ti.com
SNOSAW8E – MAY 2008 – REVISED SEPTEMBER 2015
±15-V Electrical Characteristics (continued)
Unless otherwise specified, all limited ensured for TA = 25°C, V
+ = 15 V, V= −15 V, V
CM = 0 V, VOUT = 0 V, and RL > 1 MΩ to
15 V.
(1)
PARAMETER
TEST CONDITION
MIN(2)
TYP(3)
MAX(2)
UNIT
−15.3
−15.1
Common-Mode Voltage
CMRR > 50 dB
Range (Min)
–40°C to +125°C
−15
CMVR
V
15.1
15.3
Common-Mode Voltage
CMRR > 50 dB
Range (Max)
–40°C to +125°C
15
75
85
−13 V ≤ VO ≤ 13 V
RL = 10 kΩ to 0 V
–40°C to +125°C
70
AVOL
Open-Loop Voltage Gain
dB
70
78
−13 V ≤ VO ≤ 13 V
RL = 2 kΩ to 0 V
–40°C to +125°C
65
150
300
RL = 10 kΩ to 0 V
VID = 100 mV
–40°C to +125°C
350
Output Voltage Swing
High
250
550
RL = 2 kΩ to 0 V
mV
VID = 100 mV
–40°C to +125°C
650
from
VOUT
either
60
200
RL = 10 kΩ to 0 V
rail
VID = −100 mV
–40°C to +125°C
250
Output Voltage Swing
Low
130
300
RL = 2 kΩ to 0 V
VID = −100 mV
–40°C to +125°C
400
Sourcing
40
65
VID = 200 mV, VOUT = −15 V
(6)
IOUT
Output Current
mA
Sinking
60
100
VID = −200 mV, VOUT = 15 V
(6)
1.1
1.7
LM7321
–40°C to +125°C
2.4
IS
Supply Current
VCM = −14.5 V
mA
2.5
4
LM7322
–40°C to +125°C
5.6
SR
Slew Rate(7)
AV = +1, VI = 20-V Step
18
V/µs
fu
Unity Gain Frequency
RL = 2 kΩ, CL = 20 pF
11.3
MHz
GBW
Gain Bandwidth
f = 50 kHz
20
MHz
Input Referred Voltage
f = 2 kHz
en
15
nV/
√H
Noise Density
Input Referred Current
in
f = 2 kHz
1.3
pA/
√H
Noise Density
Total Harmonic Distortion
f = 1 kHz, RL 100 kΩ,
THD+N
−86
dB
+Noise
AV = +2, VOUT = 23 VPP
CT Rej.
Crosstalk Rejection
f = 100 kHz, Driver RL = 10 kΩ
60
dB
(6)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Short circuit test is a momentary test. Output short circuit duration is
infinite for VS ≤ 6 V at room temperature and below. For VS > 6 V, allowable short circuit duration is 1.5 ms.
(7)
Slew rate is the slower of the rising and falling slew rates. Connected as a Voltage Follower.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM7321 LM7322


Similar Part No. - LM7322QMAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7322QMAX TI-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7322QMAX TI-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V,High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7322QMAX TI-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7322QMAX TI1-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7322QMAX/NOPB TI1-LM7322QMAX/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
More results

Similar Description - LM7322QMAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7322QMAX TI1-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
National Semiconductor ...
LM7321 NSC-LM7321 Datasheet
741Kb / 24P
   Rail-to-Rail Input/Output 짹15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
Texas Instruments
LM7322QMAX TI-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7322MME TI-LM7322MME Datasheet
1Mb / 35P
[Old version datasheet]   LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321MFE TI-LM7321MFE Datasheet
1Mb / 35P
[Old version datasheet]   LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V,High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321 TI-LM7321_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM7321x Single and LM7322x Dual Rail-to-Rail Input and Output 짹15-V, High-Output Current and Unlimited Capacitive Load Operational Amplifier
LM8272 TI1-LM8272 Datasheet
1Mb / 26P
[Old version datasheet]   Dual RRIO, High Output Current & Unlimited Cap Load
OPA994 TI1-OPA994 Datasheet
3Mb / 43P
[Old version datasheet]   OPAx994 32V, Rail-to-Rail Input and Output, 24MHz, 125mA Output Current Op Amp With Unlimited Capacitive Load Drive
DECEMBER 2023
OPA202_1812 TI1-OPA202_1812 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com