Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV951MK Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV951MK
Description  1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV951MK Datasheet(HTML) 3 Page - Texas Instruments

  LMV951MK Datasheet HTML 1Page - Texas Instruments LMV951MK Datasheet HTML 2Page - Texas Instruments LMV951MK Datasheet HTML 3Page - Texas Instruments LMV951MK Datasheet HTML 4Page - Texas Instruments LMV951MK Datasheet HTML 5Page - Texas Instruments LMV951MK Datasheet HTML 6Page - Texas Instruments LMV951MK Datasheet HTML 7Page - Texas Instruments LMV951MK Datasheet HTML 8Page - Texas Instruments LMV951MK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
OUTPUT
V
-
+IN
V
+
-IN
+
-
1
2
3
6
4
5
SHUTDOWN
LMV951
www.ti.com
SNOSAI3D – OCTOBER 2006 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
DDC Package
6-Pin SOT
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
+IN
3
I
Noninverting Input
-IN
4
I
Inverting Input
Output
1
O
Output
Shutdown
5
I
Shutdown Input
V+
6
P
Positive Supply Voltage
V-
2
P
Negative Supply Voltage
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) (2)
MIN
MAX
UNIT
Supply Voltage (V+ – V)
3.1
V
VIN Differential
±0.3
V
Voltage at Input and Output Pin
(V+) + 0.3
(V)
− 0.3
V
Current at Input Pin
±10
mA
Junction Temperature (3)
–40
150
°C
Mounting Temperature, Infrared or Convection (20 s)
235
°C
Storage temperature
–60
150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate
conditions for which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the
test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum power dissipation is a function of TJ(MAX), RθJA. The maximum allowable power dissipation at any ambient temperature is
PD = TJ(MAX) - TA)/RθJA. All numbers apply for packages soldered directly onto a PC Board.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V(ESD)
Electrostatic discharge
V
Machine model
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC) Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV951


Similar Part No. - LMV951MK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV951MK NSC-LMV951MK Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
LMV951MKNOPB NSC-LMV951MKNOPB Datasheet
1Mb / 24P
   2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
LMV951MKX NSC-LMV951MKX Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
LMV951MKXNOPB NSC-LMV951MKXNOPB Datasheet
1Mb / 24P
   2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
More results

Similar Description - LMV951MK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV951 TI-LMV951_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV951 1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input and Output Amplifier With Shutdown
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_17 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388_1812 TI1-OPA388_1812 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_V01 Datasheet
2Mb / 45P
[Old version datasheet]   OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
logo
Analog Devices
ADA4500-2 AD-ADA4500-2_16 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
ADA4500-2 AD-ADA4500-2_13 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4500-2 AD-ADA4500-2_12 Datasheet
1Mb / 24P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com