Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA132 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA132
Description  High-Speed FET-Input Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA132 Datasheet(HTML) 5 Page - Texas Instruments

  OPA132 Datasheet HTML 1Page - Texas Instruments OPA132 Datasheet HTML 2Page - Texas Instruments OPA132 Datasheet HTML 3Page - Texas Instruments OPA132 Datasheet HTML 4Page - Texas Instruments OPA132 Datasheet HTML 5Page - Texas Instruments OPA132 Datasheet HTML 6Page - Texas Instruments OPA132 Datasheet HTML 7Page - Texas Instruments OPA132 Datasheet HTML 8Page - Texas Instruments OPA132 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
OPA132, OPA2132, OPA4132
www.ti.com
SBOS054B – JANUARY 1995 – REVISED SEPTEMBER 2015
6.4 Electrical Characteristics
At TA = 25°C, VS = ±15 V, unless otherwise noted.
OPAx132PA, UA
OPAx132P, U
OPA2132PA, UA
OPA2132P, U
PARAMETER
TEST CONDITIONS
UNIT
OPA4132PA, UA
MIN
TYP
MAX
MIN
TYP
MAX
OFFSET VOLTAGE
Input Offset Voltage
±0.25
±0.5
±0.5
±2
mV
vs Temperature(1)
Operating temperature range
±2
±10
±2
±10
µV/°C
vs Power Supply
VS = ±2.5 V to ±18 V
5
15
5
30
µV/V
Channel Separation (dual and
RL = 2 kΩ
0.2
0.2
µV/V
quad)
INPUT BIAS CURRENT
Input Bias Current(2)
VCM = 0 V
5
±50
5
±50
pA
vs Temperature
See Figure 5
See Figure 5
Input Offset Current (2)
VCM = 0 V
±2
±50
±2
±50
pA
NOISE
Input Voltage Noise
f = 10 Hz
23
23
f = 100 H
10
10
Noise Density
nV/
√Hz
f = 1 kHz
8
8
f = 10 kHz
8
8
Current Noise
f = 1 kHz
3
3
fA/
√Hz
Density,
INPUT VOLTAGE RANGE
(V–)
(V+)
(V–)
(V+)
Common-Mode Voltage Range
±13
±13
V
+2.5
–2.5
+2.5
–2.5
Common-Mode Rejection
VCM = –12.5 V to 12.5 V
96
100
86
94
dB
INPUT IMPEDANCE
Differential
1013 || 2
1013 || 2
Ω || pF
Common-Mode
VCM = –12.5 V to 12.5 V
1013 || 6
1013 || 6
Ω || pF
OPEN-LOOP GAIN
RL = 10 kΩ, VO = –14.5 V
110
120
104
120
to 13.8 V
RL = 2 kΩ, VO = –13.8 V
110
126
104
120
Open-Loop Voltage Gain
dB
to 13.5 V
RL = 600 Ω, VO = –12.8 V
110
130
104
120
to 12.5 V
FREQUENCY RESPONSE
Gain-Bandwidth Product
8
8
MHz
Slew Rate
±20
±20
V/µs
G = –1, 10 V Step,
0.1%
0.7
0.7
µs
CL = 100 pF
Settling Time:
G = –1, 10 V Step,
0.01%
1
1
µs
CL = 100 pF
Overload Recovery Time
G = ±
0.5
0.5
µs
RL = 2 kΩ
0.00008%
0.00008%
Total Harmonic Distortion +
1 kHz, G = 1,
Noise
VO = 3.5 Vrms
RL = 600 Ω
0.00009%
0.00009%
(1)
Specified by wafer test.
(2)
High-speed test at TJ = 25°C.
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA132 OPA2132 OPA4132


Similar Part No. - OPA132

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132 BURR-BROWN-OPA132 Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132 BURR-BROWN-OPA132 Datasheet
362Kb / 18P
   Precision, High-Speed Transimpedance Amplifier
OPA132P BURR-BROWN-OPA132P Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132P BURR-BROWN-OPA132P Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA132

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132 BURR-BROWN-OPA2132 Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Hitachi Semiconductor
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
   J-FET Input Operational Amplifiers
logo
Texas Instruments
TL081 TI-TL081_V02 Datasheet
4Mb / 70P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
TL081 TI-TL081_V03 Datasheet
5Mb / 75P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
logo
Cirrus Logic
PA07 APEX-PA07 Datasheet
247Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081 TI-TL081_V01 Datasheet
4Mb / 66P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
logo
Linear Technology
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com