Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV951MKX Datasheet(PDF) 5 Page - Texas Instruments

Part # LMV951MKX
Description  1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV951MKX Datasheet(HTML) 5 Page - Texas Instruments

  LMV951MKX Datasheet HTML 1Page - Texas Instruments LMV951MKX Datasheet HTML 2Page - Texas Instruments LMV951MKX Datasheet HTML 3Page - Texas Instruments LMV951MKX Datasheet HTML 4Page - Texas Instruments LMV951MKX Datasheet HTML 5Page - Texas Instruments LMV951MKX Datasheet HTML 6Page - Texas Instruments LMV951MKX Datasheet HTML 7Page - Texas Instruments LMV951MKX Datasheet HTML 8Page - Texas Instruments LMV951MKX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LMV951
www.ti.com
SNOSAI3D – OCTOBER 2006 – REVISED SEPTEMBER 2015
Electrical Characteristics: 1 V (continued)
Unless otherwise specified, all limits specified for at TA = 25°C, V
+ = 1, V= 0 V, V
CM = 0.5 V, Shutdown = 0 V, and RL = 1
M
Ω.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
Sourcing
TA = 25°C
20
45
VO = 0 V, VIN(DIFF) =
At the temperature extremes
15
±0.2 V
IOUT
Output Short-Circuit Current (4)
mA
Sinking
TA = 25°C
20
35
VO = 1 V, VIN(DIFF) =
At the temperature extremes
13
±0.2 V
370
480
Active Mode VSD <0.4
V
520
IS
Supply Current
μA
TA = 25°C
0.01
1
Shutdown Mode VSD
>0.6 V
At the temperature extremes
3
SR
Slew Rate
See (5)
1.4
V/
μs
GBWP
Gain Bandwidth Product
2.7
MHz
en
Input-Referred Voltage Noise
f = 1 kHz
25
nV/
√Hz
in
Input-Referred Current Noise
f = 1 kHz
0.2
pA/
√Hz
THD
Total Harmonic Distortion
f = 1 kHz, AV = 1, RL = 1 kΩ
0.02%
Active Mode, VSD = 0 V
.001
1
ISD
Shutdown Pin Current
µA
Shutdown Mode, VSD = 1 V
.001
1
Active Mode
0
0.4
VSD
Shutdown Pin Voltage Range
V
Shutdown Mode
0.65
1
(4)
The short-circuit test is a momentary test, the short-circuit duration is 1.5 ms.
(5)
Number specified is the average of the positive and negative slew rates.
6.6 Electrical Characteristics: 1.8 V
Unless otherwise specified, all limits specified for at TA = 25°C, V
+ = 1.8 V, V= 0 V, V
CM = 0.9 V, Shutdown = 0 V, and RL =
1 M
Ω.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
TA = 25°C
1.5
2.8
VOS
Input Offset Voltage
mV
At the temperature extremes
3
TC VOS
Input Offset Average Drift
0.15
μV/°C
TA = 25°C
36
80
IB
Input Bias Current
nA
At the temperature extremes
85
IOS
Input Offset Current
0.2
nA
TA = 25°C
82
93
Common-Mode Rejection
CMRR
0 V
≤ VCM ≤ 1.8 V
dB
Ratio
At the temperature extremes
80
TA = 25°C
70
92
1 V
≤ V+ ≤ 1.8V, VCM
= 0.5 V
At the temperature extremes
67
Power Supply Rejection
PSRR
dB
Ratio
TA = 25°C
68
85
1 V
≤ V+ ≤ 3 V, VCM =
0.5 V
At the temperature extremes
65
CMRR
≥ 82 dB
–0.2
2
Input Common-Mode
VCM
V
Voltage Range
CMRR
≥ 80 dB
At the temperature extremes
–0.2
2
TA = 25°C
86
110
VOUT = 0.2 to 1.6 V
RL = 600 Ω to 0.9 V
At the temperature extremes
83
AV
Large Signal Voltage Gain
dB
TA = 25°C
86
116
VOUT = 0.2 to 1.6 V
RL = 2 kΩ to 0.9 V
At the temperature extremes
83
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions is very limited self-
heating of the device.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV951


Similar Part No. - LMV951MKX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV951MKX NSC-LMV951MKX Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
LMV951MKXNOPB NSC-LMV951MKXNOPB Datasheet
1Mb / 24P
   2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
More results

Similar Description - LMV951MKX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV951 TI-LMV951_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV951 1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input and Output Amplifier With Shutdown
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_17 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388_1812 TI1-OPA388_1812 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_V01 Datasheet
2Mb / 45P
[Old version datasheet]   OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
logo
Analog Devices
ADA4500-2 AD-ADA4500-2_16 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
ADA4500-2 AD-ADA4500-2_13 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4500-2 AD-ADA4500-2_12 Datasheet
1Mb / 24P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com