Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA134 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA134
Description  High Performance Audio Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA134 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA134 Datasheet HTML 4Page - Texas Instruments OPA134 Datasheet HTML 5Page - Texas Instruments OPA134 Datasheet HTML 6Page - Texas Instruments OPA134 Datasheet HTML 7Page - Texas Instruments OPA134 Datasheet HTML 8Page - Texas Instruments OPA134 Datasheet HTML 9Page - Texas Instruments OPA134 Datasheet HTML 10Page - Texas Instruments OPA134 Datasheet HTML 11Page - Texas Instruments OPA134 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Frequency (Hz)
160
140
120
100
80
100
1k
10k
100k
Dual and quad devices.
G = 1, all channels.
Quad measured channel
A to D or B to C—other
combinations yield improved
rejection.
R
L =
R
L = 2kW
Frequency (Hz)
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
CMR
–PSR
+PSR
0.1
1
10
100
1k
10k
100k
1M
10M
160
140
120
100
80
60
40
20
0
–20
0
–45
–90
–135
–180
Frequency (Hz)
f
G
Frequency (Hz)
50
40
30
20
10
0
–10
–20
1k
10k
100k
1M
10M
G = +10
G = +100
G = +1
1
1k
100
10
Frequency (Hz)
10
100
1k
10k
100k
1M
1
Voltage Noise
Current Noise
Noise Bandwidth (Hz)
100
10
1
0.1
1
10
100
1k
10k
100k
R
S = 20W
Peak-to-Peak
RMS
OPA134, OPA2134, OPA4134
SBOS058A – DECEMBER 1997 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, VS = 15 V, RL = 2 kΩ, unless otherwise noted.
Figure 7. Input Voltage and Current Noise Spectral Density
Figure 8. Input-Referred Noise Voltage vs Noise Bandwidth
vs Frequency
Figure 10. Closed-Loop Gain vs Frequency
Figure 9. Open-Loop Gain and Phase vs Frequency
Figure 11. Power Supply and Common-Mode Rejection vs
Figure 12. Channel Separation vs Frequency
Frequency
8
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: OPA134 OPA2134 OPA4134


Similar Part No. - OPA134

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134 Datasheet
327Kb / 9P
   High Performance AUDIO OPERATIONAL AMPLIFIERS TM
OPA134 BURR-BROWN-OPA134 Datasheet
307Kb / 12P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA134 TI1-OPA134 Datasheet
1Mb / 20P
[Old version datasheet]   High Performance AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA134

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2134UA2K5 TI1-OPA2134UA2K5 Datasheet
1Mb / 20P
[Old version datasheet]   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134_07 Datasheet
307Kb / 12P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134 Datasheet
327Kb / 9P
   High Performance AUDIO OPERATIONAL AMPLIFIERS TM
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com