Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV832MMX Datasheet(PDF) 5 Page - Texas Instruments

Part # LMV832MMX
Description  Operational Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV832MMX Datasheet(HTML) 5 Page - Texas Instruments

  LMV832MMX Datasheet HTML 1Page - Texas Instruments LMV832MMX Datasheet HTML 2Page - Texas Instruments LMV832MMX Datasheet HTML 3Page - Texas Instruments LMV832MMX Datasheet HTML 4Page - Texas Instruments LMV832MMX Datasheet HTML 5Page - Texas Instruments LMV832MMX Datasheet HTML 6Page - Texas Instruments LMV832MMX Datasheet HTML 7Page - Texas Instruments LMV832MMX Datasheet HTML 8Page - Texas Instruments LMV832MMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LMV831, LMV832, LMV834
www.ti.com
SNOSAZ6C – AUGUST 2008 – REVISED NOVEMBER 2015
6.5 Electrical Characteristics, 3.3 V
Unless otherwise specified, all limits are specified for at TA = 25°C, V
+ = 3.3 V, V= 0 V, V
CM = V
+/2, and R
L = 10 kΩ to
V
+/2.(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
TA = 25°C
±0.25
±1
VOS
Input offset voltage(4)
mV
–40°C
≤ TA ≤ +125°C
±1.23
LMV831,
±0.5
±1.5
Input offset voltage
LMV832
TCVOS
μV/°C
temperature drift(4)(5)
LMV834
±0.5
±1.7
TA = 25°C
0.1
10
IB
Input bias current(5)
pA
–40°C
≤ TA ≤ +125°C
500
IOS
Input offset current
1
pA
TA = 25°C
76
91
Common-mode
CMRR
0.2 V
≤ VCM ≤ V
+ – 1.2 V
dB
rejection ratio(4)
–40°C
≤ TA ≤ +125°C
75
TA = 25°C
76
93
Power supply
2.7 V
≤ V+ ≤ 5.5 V,
PSRR
dB
rejection ratio(4)
VOUT = 1 V
–40°C
≤ TA ≤ +125°C
75
VRF_PEAK = 100 mVP (−20 dBP),
80
f = 400 MHz
VRF_PEAK = 100 mVP (−20 dBP),
90
f = 900 MHz
EMI rejection ratio,
EMIRR
dB
IN+ and IN–(6)
VRF_PEAK = 100 mVP (−20 dBP),
110
f = 1800 MHz
VRF_PEAK = 100 mVP (−20 dBP),
120
f = 2400 MHz
Input common-mode
CMVR
CMRR
≥ 65 dB
−0.1
2.1
V
voltage range
LMV831,
102
121
LMV832
LMV831,
RL = 2 kΩ,
LMV832,
102
VOUT = 0.15 V to 1.65 V,
–40°C
≤ TA ≤ +125°C
VOUT = 3.15 V to 1.65 V
LMV834
102
121
LMV834
102
–40°C
≤ TA ≤ +125°C
Large signal
AVOL
dB
voltage gain(7)
LMV831,
104
126
LMV832
LMV831,
RL = 10 kΩ,
LMV832,
104
VOUT = 0.1 V to 1.65 V,
–40°C
≤ TA ≤ +125°C
VOUT = 3.2 V to 1.65 V
LMV834
104
123
LMV834
103
–40°C
≤ TA ≤ +125°C
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
The typical value is calculated by applying absolute value transform to the distribution, then taking the statistical average of the resulting
distribution.
(5)
This parameter is specified by design and/or characterization and is not tested in production.
(6)
The EMI Rejection Ratio is defined as EMIRR = 20log ( VRF_PEAK/ΔVOS).
(7)
The specified limits represent the lower of the measured values for each output range condition.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV831 LMV832 LMV834


Similar Part No. - LMV832MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV832MMX NSC-LMV832MMX Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV832MMX NSC-LMV832MMX Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV832MMX TI-LMV832MMX Datasheet
1Mb / 27P
[Old version datasheet]   LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV832MMXNOPB TI1-LMV832MMXNOPB Datasheet
900Kb / 25P
[Old version datasheet]   LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened
More results

Similar Description - LMV832MMX

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com