Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2132U Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2132U
Description  High-Speed FET-Input Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2132U Datasheet(HTML) 4 Page - Texas Instruments

  OPA2132U Datasheet HTML 1Page - Texas Instruments OPA2132U Datasheet HTML 2Page - Texas Instruments OPA2132U Datasheet HTML 3Page - Texas Instruments OPA2132U Datasheet HTML 4Page - Texas Instruments OPA2132U Datasheet HTML 5Page - Texas Instruments OPA2132U Datasheet HTML 6Page - Texas Instruments OPA2132U Datasheet HTML 7Page - Texas Instruments OPA2132U Datasheet HTML 8Page - Texas Instruments OPA2132U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
OPA132, OPA2132, OPA4132
SBOS054B – JANUARY 1995 – REVISED SEPTEMBER 2015
www.ti.com
Pin Functions OPA2132 and OPA4132 (continued)
PIN
I/O
DESCRIPTION
OPA2132
OPA4132
NAME
NO.
NO.
+In C
10
I
Noninverting input channel C
V–
4
11
Negative power supply
+In D
12
I
Noninverting input channel D
–In D
13
I
Inverting input channel D
Out D
14
O
Output channel D
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, V+ to V–
36
V
Input voltage
(V–) –0.7
(V+) +0.7
V
Output short-circuit(2)
Continuous
Operation temperature
–40
125
°C
Junction temperature
150
°C
Tstg
Storage temperature
–55
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Short-circuit to ground, one amplifier per package.
6.2 ESD Ratings
VALUE
UNIT
OPA132 in PDIP and SOIC Package, OPA2132 and OPA4132 in PDIP Package
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
OPA2132 in SOIC Package
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
OPA4132 in SOIC Package
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±200
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply voltage, VS = (V+) – (V–)
±2.5
±15
±18
V
TA
Specified temperature range
–40
85
°C
4
Submit Documentation Feedback
Copyright © 1995–2015, Texas Instruments Incorporated
Product Folder Links: OPA132 OPA2132 OPA4132


Similar Part No. - OPA2132U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2132U BURR-BROWN-OPA2132U Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132U BURR-BROWN-OPA2132U Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132U BURR-BROWN-OPA2132U Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132U/2K5 BURR-BROWN-OPA2132U/2K5 Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132U/2K5 BURR-BROWN-OPA2132U/2K5 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2132U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132 BURR-BROWN-OPA2132 Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Hitachi Semiconductor
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
   J-FET Input Operational Amplifiers
logo
Texas Instruments
TL081 TI-TL081_V02 Datasheet
4Mb / 70P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
TL081 TI-TL081_V03 Datasheet
5Mb / 75P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
logo
Cirrus Logic
PA07 APEX-PA07 Datasheet
247Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081 TI-TL081_V01 Datasheet
4Mb / 66P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
logo
Linear Technology
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com