Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV834MT Datasheet(PDF) 9 Page - Texas Instruments

Part # LMV834MT
Description  Operational Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV834MT Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV834MT Datasheet HTML 5Page - Texas Instruments LMV834MT Datasheet HTML 6Page - Texas Instruments LMV834MT Datasheet HTML 7Page - Texas Instruments LMV834MT Datasheet HTML 8Page - Texas Instruments LMV834MT Datasheet HTML 9Page - Texas Instruments LMV834MT Datasheet HTML 10Page - Texas Instruments LMV834MT Datasheet HTML 11Page - Texas Instruments LMV834MT Datasheet HTML 12Page - Texas Instruments LMV834MT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
LMV831, LMV832, LMV834
www.ti.com
SNOSAZ6C – AUGUST 2008 – REVISED NOVEMBER 2015
Electrical Characteristics, 5 V (continued)
Unless otherwise specified, all limits are specified for at TA = 25°C, V
+ = 5 V, V= 0 V, V
CM = V
+/2, and R
L = 10 kΩ to V
+/2. (1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
LMV831
0.25
0.27
LMV831,
0.31
–40°C
≤ TA ≤ +125°C
LMV832
0.47
0.52
IS
Supply current
mA
LMV832,
0.6
–40°C
≤ TA ≤ +125°C
LMV834
0.92
1.02
LMV834,
1.18
–40°C
≤ TA ≤ +125°C
AV = +1, VOUT = 2 VPP,
SR
Slew rate(8)
2
V/
μs
10% to 90%
Gain bandwidth
GBW
3.3
MHz
product
Φm
Phase margin
65
deg
f = 1 kHz
12
Input referred
en
nV/
√Hz
voltage noise
f = 10 kHz
10
Input referred
in
f = 1 kHz
0.005
pA/
√Hz
current noise
Closed-loop
ROUT
f = 2 MHz
500
output impedance
Common-mode
14
input capacitance
CIN
pF
Differential-mode
20
input capacitance
Total harmonic
THD+N
f = 1 kHz, AV = 1, BW ≥ 500 kHz
0.02%
distortion + noise
(8)
Number specified is the slower of positive and negative slew rates.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV831 LMV832 LMV834


Similar Part No. - LMV834MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV834MT NSC-LMV834MT Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV834MT NSC-LMV834MT Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV834MT TI-LMV834MT Datasheet
1Mb / 27P
[Old version datasheet]   LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV834MTNOPB TI1-LMV834MTNOPB Datasheet
900Kb / 25P
[Old version datasheet]   LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened
logo
National Semiconductor ...
LMV834MTX NSC-LMV834MTX Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
More results

Similar Description - LMV834MT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com