Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA171AIDRLR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA171AIDRLR
Description  Single-Supply, SOT553, General-Purpose Operational Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA171AIDRLR Datasheet(HTML) 1 Page - Texas Instruments

  OPA171AIDRLR Datasheet HTML 1Page - Texas Instruments OPA171AIDRLR Datasheet HTML 2Page - Texas Instruments OPA171AIDRLR Datasheet HTML 3Page - Texas Instruments OPA171AIDRLR Datasheet HTML 4Page - Texas Instruments OPA171AIDRLR Datasheet HTML 5Page - Texas Instruments OPA171AIDRLR Datasheet HTML 6Page - Texas Instruments OPA171AIDRLR Datasheet HTML 7Page - Texas Instruments OPA171AIDRLR Datasheet HTML 8Page - Texas Instruments OPA171AIDRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
350
250
150
50
50
150
250
350
-
-
-
-
0
2
4
6
8
16
20
V
(V)
SUPPLY
V
= 1.35Vto 18V
10TypicalUnitsShown
±
SUPPLY
±
18
14
12
10
1000
800
600
400
200
0
200
400
600
800
1000
-
-
-
-
-
-
20
-
15
-
10
-
5
0
5
10
15
20
V
(V)
CM
V
= 18.1V
-
CM
10TypicalUnitsShown
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
OPA171, OPA2171, OPA4171
SBOS516E – SEPTEMBER 2010 – REVISED JUNE 2015
OPAx171 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
1 Features
3 Description
The OPA171, OPA2171, and OPA4171 (OPAx171)
1
Supply Range: 2.7 to 36 V, ±1.35 V to ±18 V
are
a
family
of
36-V,
single-supply,
low-noise
Low Noise: 14 nV/
√Hz
operational amplifiers with the ability to operate on
Low Offset Drift: ±0.3 µV/°C (Typical)
supplies ranging from 2.7 V (±1.35 V) to 36 V (±18
V). These devices are available in micro-packages
RFI Filtered Inputs
and offer low offset, drift, and bandwidth with low
Input Range Includes the Negative Supply
quiescent
current.
The
single,
dual,
and
quad
Input Range Operates to Positive Supply
versions all have identical specifications for maximum
design flexibility.
Rail-to-Rail Output
Gain Bandwidth: 3 MHz
Unlike
most
operational
amplifiers,
which
are
specified at only one supply voltage, the OPAx171
Low Quiescent Current: 475 µA per Amplifier
family is specified from 2.7 to 36 V. Input signals
High Common-Mode Rejection: 120 dB (Typical)
beyond the supply rails do not cause phase reversal.
Low-Input Bias Current: 8 pA
The OPAx171 family is stable with capacitive loads
Industry-Standard Packages:
up to 300 pF. The input can operate 100 mV below
the negative rail and within 2 V of the top rail during
8-Pin SOIC
normal operation. These devices can operate with full
8-Pin MSOP
rail-to-rail input 100 mV beyond the top rail, but with
14-Pin TSSOP
reduced performance within 2 V of the top rail.
microPackages:
The OPAx171 series of operational amplifiers are
Single in SOT553
specified from –40°C to 125°C.
Dual in VSSOP-8
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
OPA171
SOT23 (5)
1.60 mm × 2.90 mm
Tracking Amplifier in Power Modules
OPA2171
SOIC (8)
3.90 mm × 4.90 mm
Merchant Power Supplies
TSSOP (14)
4.40 mm × 5.00 mm
OPA4171
Transducer Amplifiers
SOIC (14)
3.90 mm × 8.65 mm
Bridge Amplifiers
(1) For all available packages, see the orderable addendum at
Temperature Measurements
the end of the data sheet.
Strain Gauge Amplifiers
Precision Integrators
Battery-Powered Instruments
Test Equipment
SPACE
Offset Voltage vs Common-Mode Voltage
Offset Voltage vs Power Supply
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA171AIDRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171AIDRLR TI1-OPA171AIDRLR Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171AIDRLR TI1-OPA171AIDRLR Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171AIDRLR TI1-OPA171AIDRLR Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA171AIDRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_12 Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA170 TI1-OPA170_18 Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com