Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2132UG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2132UG4
Description  High-Speed FET-Input Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2132UG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2132UG4 Datasheet HTML 6Page - Texas Instruments OPA2132UG4 Datasheet HTML 7Page - Texas Instruments OPA2132UG4 Datasheet HTML 8Page - Texas Instruments OPA2132UG4 Datasheet HTML 9Page - Texas Instruments OPA2132UG4 Datasheet HTML 10Page - Texas Instruments OPA2132UG4 Datasheet HTML 11Page - Texas Instruments OPA2132UG4 Datasheet HTML 12Page - Texas Instruments OPA2132UG4 Datasheet HTML 13Page - Texas Instruments OPA2132UG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
+
±
Compensation
Input Offset
Adjust
(OPA132 only)
Input Offset
Adjust
(OPA132 only)
+IN
-IN
Output
OPA132, OPA2132, OPA4132
SBOS054B – JANUARY 1995 – REVISED SEPTEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The OPAx132 series of FET-input operational amplifiers provides highspeed and excellent dc performance. The
combination of high slew rate and wide bandwidth provide fast settling time. Single, dual, and quad versions
have identical specifications for maximum design flexibility. High performance grades are available in the single
and dual versions. All are ideal for general-purpose, audio, data acquisition and communications applications,
especially where high source impedance is encountered.
7.2 Functional Block Diagram
7.3 Feature Description
The OPAx132 series of JFET operational amplifiers combine low noise and wide bandwidth with precision and
low input bias current to make them the ideal choice for applications with a high source impedance. The
OPAx132 is unity-gain stable and features high slew rate (±20 V/
μs) and wide bandwidth (8 MHz).
7.4 Device Functional Modes
The OPAx132 has a single functional mode and is operational when the power-supply voltage is greater than 5 V
(±2.5 V). The maximum power supply voltage for the OPAx132 is 36 V (±18 V).
10
Submit Documentation Feedback
Copyright © 1995–2015, Texas Instruments Incorporated
Product Folder Links: OPA132 OPA2132 OPA4132


Similar Part No. - OPA2132UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2132U BURR-BROWN-OPA2132U Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132U BURR-BROWN-OPA2132U Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132U BURR-BROWN-OPA2132U Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132U/2K5 BURR-BROWN-OPA2132U/2K5 Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132U/2K5 BURR-BROWN-OPA2132U/2K5 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2132UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132 BURR-BROWN-OPA2132 Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Hitachi Semiconductor
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
   J-FET Input Operational Amplifiers
logo
Texas Instruments
TL081 TI-TL081_V02 Datasheet
4Mb / 70P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
TL081 TI-TL081_V03 Datasheet
5Mb / 75P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
logo
Cirrus Logic
PA07 APEX-PA07 Datasheet
247Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081 TI-TL081_V01 Datasheet
4Mb / 66P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
logo
Linear Technology
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com