Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA192IDBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA192IDBVT
Description  Low Input Bias Current Op Amp
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA192IDBVT Datasheet(HTML) 4 Page - Texas Instruments

  OPA192IDBVT Datasheet HTML 1Page - Texas Instruments OPA192IDBVT Datasheet HTML 2Page - Texas Instruments OPA192IDBVT Datasheet HTML 3Page - Texas Instruments OPA192IDBVT Datasheet HTML 4Page - Texas Instruments OPA192IDBVT Datasheet HTML 5Page - Texas Instruments OPA192IDBVT Datasheet HTML 6Page - Texas Instruments OPA192IDBVT Datasheet HTML 7Page - Texas Instruments OPA192IDBVT Datasheet HTML 8Page - Texas Instruments OPA192IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
1
2
3
4
14
13
12
11
OUTD
-
IND
+IND
V
-
OUTA
-
INA
+INA
V+
5
6
7
10
9
8
+INC
-
INC
OUTC
+INB
-
INB
OUTB
1
2
3
4
8
7
6
5
NC
(1)
V+
OUT
NC
(1)
NC
(1)
-IN
+IN
V-
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
OPA192, OPA2192, OPA4192
SBOS620E – DECEMBER 2013 – REVISED NOVEMBER 2015
www.ti.com
5 Pin Configuration and Functions
DBV Package: OPA192
D and DGK Packages: OPA2192
5-Pin SOT
8-Pin SOIC and VSSOP
Top View
Top View
D and DGK Packages: OPA192
8-Pin SOIC and VSSOP
Top View
D and PW Packages: OPA4192
14-Pin SOIC and TSSOP
Top View
(1)
NC = No internal connection.
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: OPA192 OPA2192 OPA4192


Similar Part No. - OPA192IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA192IDBVT TI1-OPA192IDBVT Datasheet
2Mb / 35P
[Old version datasheet]   High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
More results

Similar Description - OPA192IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA191 TI1-OPA191_16 Datasheet
3Mb / 49P
[Old version datasheet]    Low Input Bias Current Op Amp
OPA191 TI1-OPA191 Datasheet
2Mb / 45P
[Old version datasheet]   Low Offset Voltage, Low Input Bias Current Op Amp
logo
Linear Technology
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
LTC6268-10 LINER-LTC6268-10_15 Datasheet
762Kb / 22P
   4GHz Ultra-Low Bias Current FET Input Op Amp
LT1793 LINER-LT1793 Datasheet
162Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
LTC6268 LINER-LTC6268_15 Datasheet
496Kb / 24P
   500MHz Ultra-Low Bias Current FET Input Op Amp
LTC6269 LINER-LTC6269_15 Datasheet
496Kb / 24P
   500MHz Ultra-Low Bias Current FET Input Op Amp
LTC6269-10 LINER-LTC6269-10_15 Datasheet
762Kb / 22P
   4GHz Ultra-Low Bias Current FET Input Op Amp
logo
Maxim Integrated Produc...
MAX40242 MAXIM-MAX40242 Datasheet
531Kb / 12P
   20V, Low Input Bias-Current, Low-Noise, Dual Op Amp
2018
logo
Texas Instruments
OPA396 TI-OPA396 Datasheet
2Mb / 30P
[Old version datasheet]   OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com