Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2140AIDGKT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2140AIDGKT
Description  11-MHz JFET Op Amp
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2140AIDGKT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2140AIDGKT Datasheet HTML 5Page - Texas Instruments OPA2140AIDGKT Datasheet HTML 6Page - Texas Instruments OPA2140AIDGKT Datasheet HTML 7Page - Texas Instruments OPA2140AIDGKT Datasheet HTML 8Page - Texas Instruments OPA2140AIDGKT Datasheet HTML 9Page - Texas Instruments OPA2140AIDGKT Datasheet HTML 10Page - Texas Instruments OPA2140AIDGKT Datasheet HTML 11Page - Texas Instruments OPA2140AIDGKT Datasheet HTML 12Page - Texas Instruments OPA2140AIDGKT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
10
8
6
4
2
0
-18 -15 -12
-9
-6
-3
0
3
6
9
12
15
18
V
(V)
CM
-0.1V
+14.5V
Specified Common-Mode
Voltage Range
+I
B
-IB
0
10
20
30
40
50
60
70
Output Current (mA)
+85 C
°
+25 C
°
18.0
17.5
17.0
16.5
16.0
-16.0
16.5
17.0
17.5
18.0
-
-
-
-
+125 C
°
-40 C
°
-
18
-
12
-
6
0
6
12
V
(V)
CM
120
100
80
60
40
20
0
20
40
60
80
-
-
-
-
-
-
100
120
18 Typical Units Shown
18
-
40 -25 -10
5
20
35
50
65
80
95
110 125
Temperature ( C)
?
160
120
80
40
0
40
80
120
160
-
-
-
-
Offset Voltage Drift ( V/ C)
m
°
Offset Voltage ( V)
m
OPA140, OPA2140, OPA4140
www.ti.com
SBOS498B – JULY 2010 – REVISED NOVEMBER 2015
6.9 Typical Characteristics
at TA = 25°C, VS = ±18 V, RL = 2 kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
Figure 1. Offset Voltage Production Distribution
Figure 2. Offset Voltage Drift Distribution
Figure 3. Offset Voltage vs Common-Mode Voltage
Figure 4. Input Offset Voltage vs Temperature
(144 Amplifiers)
Figure 5. IB vs Common-Mode Voltage
Figure 6. Output Voltage Swing vs Output Current
(Maximum Supply)
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA140 OPA2140 OPA4140


Similar Part No. - OPA2140AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2140AIDGKT TI-OPA2140AIDGKT Datasheet
807Kb / 25P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
OPA2140AIDGKT TI-OPA2140AIDGKT Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
OPA2140AIDGKT TI-OPA2140AIDGKT Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
More results

Similar Description - OPA2140AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA140 TI-OPA140_15 Datasheet
1Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output,11-MHz JFET Op Amp
OPA140 TI-OPA140_V01 Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
OPA4H014-SEP TI-OPA4H014-SEP_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OPA4H014-SEP 11-MHz, Precision, Low-Noise, RRO, JFET Op Amp in Space‑Enhanced Plastic
REVISED APRIL 2022
logo
Linear Technology
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
logo
Analog Devices
ADA4062-2 AD-ADA4062-2 Datasheet
489Kb / 20P
   Tiny, Low Power JFET-Input Op Amp
REV. 0
logo
Linear Technology
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
logo
Texas Instruments
OPA140 TI-OPA140_V02 Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
logo
Linear Technology
LT1057S LINER-LT1057S Datasheet
175Kb / 3P
   Dual JFET Input Precision High Speed Op Amp?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com