Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4140AID Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4140AID
Description  11-MHz JFET Op Amp
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4140AID Datasheet(HTML) 1 Page - Texas Instruments

  OPA4140AID Datasheet HTML 1Page - Texas Instruments OPA4140AID Datasheet HTML 2Page - Texas Instruments OPA4140AID Datasheet HTML 3Page - Texas Instruments OPA4140AID Datasheet HTML 4Page - Texas Instruments OPA4140AID Datasheet HTML 5Page - Texas Instruments OPA4140AID Datasheet HTML 6Page - Texas Instruments OPA4140AID Datasheet HTML 7Page - Texas Instruments OPA4140AID Datasheet HTML 8Page - Texas Instruments OPA4140AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Time (1s/div)
Competitor’s Device
OPAx140
V
= 18V
SUPPLY
±
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
OPA140, OPA2140, OPA4140
SBOS498B – JULY 2010 – REVISED NOVEMBER 2015
High-Precision, Low-Noise, Rail-to-Rail Output,
11-MHz JFET Op Amp
1 Features
3 Description
The OPA140, OPA2140, and OPA4140 operational
1
Very Low Offset Drift: 1
μV/°C Maximum
amplifier (op amp) family is a series of low-power
Very Low Offset: 120
μV
JFET input amplifiers that features good drift and low
Low Input Bias Current: 10 pA Maximum
input bias current. The rail-to-rail output swing and
input range that includes V– allow designers to take
Very Low 1/f Noise: 250 nVPP, 0.1 Hz to 10 Hz
advantage of the low-noise characteristics of JFET
Low Noise: 5.1 nV/
√Hz
amplifiers while also interfacing to modern, single-
Slew Rate: 20 V/
μs
supply, precision analog-to-digital converters (ADCs)
and digital-to-analog converters (DACs).
Low Supply Current: 2 mA Maximum
Input Voltage Range Includes V– Supply
The OPA140 achieves 11-MHz unity-gain bandwidth
and 20-V/
μs slew rate while consuming only 1.8 mA
Single-Supply Operation: 4.5 V to 36 V
(typical) of quiescent current. It runs on a single 4.5-V
Dual-Supply Operation: ±2.25 V to ±18 V
to 36-V supply or dual ±2.25-V to ±18-V supplies.
No Phase Reversal
All versions are fully specified from –40°C to 125°C
Industry-Standard SOIC Packages
for use in the most challenging environments. The
VSSOP, TSSOP, and SOT-23 Packages
OPA140 (single) is available in the 5-pin SOT-23, 8-
pin VSSOP, and 8-pin SOIC packages; the OPA2140
2 Applications
(dual) is available in both 8-pin VSSOP and 8-pin
SOIC
packages;
and
the
OPA4140
(quad)
is
Battery-Powered Instruments
available in the 14-pin SOIC and 14-pin TSSOP
Industrial Controls
packages.
Medical Instrumentation
Device Information(1)
Photodiode Amplifiers
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Active Filters
SOIC (8)
4.90 mm × 3.90 mm
Data Acquisition Systems
OPA140
SOT23 (5)
2.90 mm × 1.60 mm
Automatic Test Systems
VSSOP (8)
3.00 mm × 3.00 mm
SOIC (8)
4.90 mm × 3.90 mm
OPA2140
VSSOP (8)
3.00 mm × 3.00 mm
SOIC (14)
8.65 mm × 3.90 mm
OPA4140
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
0.1-Hz to 10-Hz Noise
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA4140AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4140AID TI-OPA4140AID Datasheet
807Kb / 25P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
OPA4140AID TI-OPA4140AID Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
OPA4140AID TI-OPA4140AID Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
OPA4140AIDR TI-OPA4140AIDR Datasheet
807Kb / 25P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
OPA4140AIDR TI-OPA4140AIDR Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
More results

Similar Description - OPA4140AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA140 TI-OPA140_15 Datasheet
1Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output,11-MHz JFET Op Amp
OPA140 TI-OPA140_V01 Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
OPA4H014-SEP TI-OPA4H014-SEP_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OPA4H014-SEP 11-MHz, Precision, Low-Noise, RRO, JFET Op Amp in Space‑Enhanced Plastic
REVISED APRIL 2022
logo
Linear Technology
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
logo
Analog Devices
ADA4062-2 AD-ADA4062-2 Datasheet
489Kb / 20P
   Tiny, Low Power JFET-Input Op Amp
REV. 0
logo
Linear Technology
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
logo
Texas Instruments
OPA140 TI-OPA140_V02 Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
logo
Linear Technology
LT1057S LINER-LT1057S Datasheet
175Kb / 3P
   Dual JFET Input Precision High Speed Op Amp?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com