Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1702031803 Datasheet(PDF) 2 Page - AAEON Technology

Part # 1702031803
Description  fanless operation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

1702031803 Datasheet(HTML) 2 Page - AAEON Technology

  1702031803 Datasheet HTML 1Page - AAEON Technology 1702031803 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01-8
www.aaeon.com
Note: All specifications are subject to change without notice.
Dimension
Unit: mm
Part Number
Display Type
Max.
Resolution
Luminance
View
Angle
Backlight
MTBF (Hours)
CPU
LAN USB RS-232 RS-485/422/232
Storage
RAM
Display
Expansion
Mounting
Power
Temp.
Touch
AHP-
1123HTT-A1-1010
12.1" TFT-LCD 1024 x 768 500 cd/m2
160(H)/
160(V)
50,000
Intel® Atom™
D2550, 1.86 GHz
2
4
3
1
CFast™ x 1
2.5" SATA HDD x 1
2 GB
VGA x 1 Mini-Card x 1
VESA100/
Panel mount
DC
12V
0°C ~ 50°C
(w/o airflow )
0°C ~ 55°C
(w/ airflow )
5-wire
resistive
AHP-
1123HTT-A2-1010
12.1" TFT-LCD 1024 x 768 500 cd/m2
160(H)/
160(V)
50,000
Intel® Atom™
D2550, 1.86 GHz
2
4
3
1
CFast™ x 1
2.5" SATA HDD x 1
4 GB
VGA x 1 Mini-Card x 1
VESA100/
Panel mount
DC
12V
0°C ~ 50°C
(w/o airflow )
0°C ~ 55°C
(w/ airflow )
5-wire
resistive
Ordering Information
Packing List
Optional Accessories
AHP-1123
Phoenix Power Connector
Mounting Brackets and Screws
Product CD
AHP-1123
AP-0T9789LA1000
Desktop Stand with VESA 100mm Standard
1702031802
Power Cord (US Type)
1702031803
Power Cord (European Type)
170203180E
Power Cord (Japanese Type)
1255900841
12V 84W Power Adapter w/ 3-pin Terminal Block
9761215303
WiFi Module b/g/n


Similar Part No. - 1702031803

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
1702031803 AAEON-1702031803 Datasheet
311Kb / 2P
   15.6??Fanless Multi-Touch Computer With Onboard Intel짰 Dual Core Atom??D510 Processor
1702031803 AAEON-1702031803 Datasheet
374Kb / 2P
   18.5??Fanless Multi-Touch Computer With Onboard Intel짰 Dual Core Atom??D510 Processor
1702031803 AAEON-1702031803 Datasheet
395Kb / 2P
   18.5??Fanless Multi-Touch Computer With Intel짰 Core??i7/i5/P4500 Processor
1702031803 AAEON-1702031803 Datasheet
323Kb / 2P
   21.5??Fanless Multi-Touch Computer With Onboard Intel짰 Dual Core Atom??D510 Processor
1702031803 AAEON-1702031803 Datasheet
446Kb / 2P
   21.5??Fanless Multi-Touch Computer With Intel짰 Core??i7/i5/P4500 Processor
More results

Similar Description - 1702031803

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ACP-5153 AAEON-ACP-5153 Datasheet
211Kb / 2P
   fanless operation
logo
Axiomtek Co., Ltd.
TBOX311-820-FL AXIOMTEK-TBOX311-820-FL Datasheet
542Kb / 2P
   Fanless operation
logo
AAEON Technology
AEC-6950 AAEON-AEC-6950 Datasheet
334Kb / 2P
   fanless operation
logo
Axiomtek Co., Ltd.
TBOX321-870-FL AXIOMTEK-TBOX321-870-FL Datasheet
596Kb / 2P
   Fanless operation
TBOX320-852-FL AXIOMTEK-TBOX320-852-FL Datasheet
529Kb / 2P
   Fanless operation
IPC914-213-FL AXIOMTEK-IPC914-213-FL Datasheet
473Kb / 2P
   Fanless operation
DSB-310 AXIOMTEK-DSB-310 Datasheet
197Kb / 1P
   Fanless operation
logo
AAEON Technology
AHP-1154 AAEON-AHP-1154 Datasheet
243Kb / 2P
   fanless operation
OMNI-2155 AAEON-OMNI-2155 Datasheet
331Kb / 2P
   fanless operation
logo
Axiomtek Co., Ltd.
EBOX647-FL AXIOMTEK-EBOX647-FL Datasheet
404Kb / 1P
   Fanless operation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com