Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2171AIDR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2171AIDR
Description  Single-Supply, SOT553, General-Purpose Operational Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2171AIDR Datasheet(HTML) 3 Page - Texas Instruments

  OPA2171AIDR Datasheet HTML 1Page - Texas Instruments OPA2171AIDR Datasheet HTML 2Page - Texas Instruments OPA2171AIDR Datasheet HTML 3Page - Texas Instruments OPA2171AIDR Datasheet HTML 4Page - Texas Instruments OPA2171AIDR Datasheet HTML 5Page - Texas Instruments OPA2171AIDR Datasheet HTML 6Page - Texas Instruments OPA2171AIDR Datasheet HTML 7Page - Texas Instruments OPA2171AIDR Datasheet HTML 8Page - Texas Instruments OPA2171AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
1
2
3
4
8
7
6
5
NC
(1)
V+
OUT
NC
(1)
NC
(1)
-IN
+IN
V-
1
2
3
4
14
13
12
11
OUTD
-
IND
+IND
V
-
OUTA
-
INA
+INA
V+
5
6
7
10
9
8
+INC
-
INC
OUTC
+INB
-
INB
OUTB
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
1
2
3
5
4
V+
OUT
IN+
V
-
IN
-
OPA171, OPA2171, OPA4171
www.ti.com
SBOS516E – SEPTEMBER 2010 – REVISED JUNE 2015
5 Pin Configuration and Functions
DRL Package: OPA171
D, DCU, and DGK Packages: OPA2171
SOT-553
SO-8, VSSOP-8, and MSOP-8
Top View
Top View
DBV Package: OPA171
SOT23-5
Top View
D and PW Packages: OPA4171
SO-14 and TSSOP-14
Top View
D PACKAGE: OPA171
SO-8
Top View
(1)
No internal connection.
Pin Functions: OPA171
PIN
I/O
DESCRIPTION
NAME
DRL
DBV
D
+IN
1
3
3
I
Noninverting input
–IN
3
4
2
I
Inverting input
OUT
4
1
6
O
Output
V+
5
5
7
Positive (highest) supply
V–
2
2
4
Negative (lowest) supply
NC
1, 5, 8
No internal connection (can be left floating)
Pin Functions: OPA2171
PIN
I/O
DESCRIPTION
NAME
DCU
DGK
D
+IN A
3
3
3
I
Noninverting input
+IN B
5
5
5
I
Noinverting input
–IN A
2
2
2
I
Inverting input
–IN B
6
6
6
O
Inverting input
OUT A
1
1
1
O
Output
OUT B
7
7
7
Output
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA171 OPA2171 OPA4171


Similar Part No. - OPA2171AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2171AIDR TI1-OPA2171AIDR Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA2171AIDR TI1-OPA2171AIDR Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA2171AIDR TI1-OPA2171AIDR Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2171AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_12 Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA170 TI1-OPA170_18 Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com