Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2172IDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2172IDR
Description  36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2172IDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2172IDR Datasheet HTML 5Page - Texas Instruments OPA2172IDR Datasheet HTML 6Page - Texas Instruments OPA2172IDR Datasheet HTML 7Page - Texas Instruments OPA2172IDR Datasheet HTML 8Page - Texas Instruments OPA2172IDR Datasheet HTML 9Page - Texas Instruments OPA2172IDR Datasheet HTML 10Page - Texas Instruments OPA2172IDR Datasheet HTML 11Page - Texas Instruments OPA2172IDR Datasheet HTML 12Page - Texas Instruments OPA2172IDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
OPA172, OPA2172, OPA4172
www.ti.com
SBOS618H – DECEMBER 2013 – REVISED SEPTEMBER 2015
Electrical Characteristics (continued)
At TA = +25°C, VS = ±2.25 V to ±18 V, VCM = VOUT = VS / 2, and RL = 10 kΩ connected to VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE
Common-mode voltage
(V–) – 0.1
VCM
(V+) – 2 V
V
range(1)
V
VS = ±2.25 V, (V–) – 0.1 V < VCM < (V+) – 2 V,
90
104
TA = –40°C to +125°C
CMRR
Common-mode rejection ratio
dB
VS = ±18 V, (V–) – 0.1 V < VCM < (V+) – 2 V,
110
120
TA = –40°C to +125°C
INPUT IMPEDANCE
Differential
100 || 4
M
Ω || pF
Common-mode
6 || 4
1013
Ω || pF
OPEN-LOOP GAIN
OPA172, OPA4172
110
130
(V–) + 0.35 V < VO < (V+) – 0.35 V,
RL = 10 kΩ, TA = –40°C to +125°C
OPA2172
107
115
AOL
Open-loop voltage gain
dB
OPA172, OPA4172
116
(V–) + 0.5 V < VO < (V+) – 0.5 V,
RL = 2 kΩ, TA = –40°C to +125°C
OPA2172
107
FREQUENCY RESPONSE
GBP
Gain bandwidth product
10
MHz
SR
Slew rate
G = +1
10
V/µs
To 0.1%, VS = ±18 V, G = +1, 10-V step
2
tS
Settling time
µs
To 0.01% (12 bit), VS = ±18 V, G = +1, 10-V step
3.2
Overload recovery time
VIN × Gain > VS
200
ns
Total harmonic distortion +
THD+N
VS = +36 V, G = +1, f = 1 kHz, VO = 3.5 VRMS
0.00005%
noise
OUTPUT
RL = 10 kΩ
70
90
VS = +36 V
RL = 2 kΩ
330
400
RL = 10 kΩ
95
120
VS = +36 V,
TA = –40°C to +125°C
RL = 2 kΩ
470
530
VO
Voltage output swing from rail
mV
RL = 10 kΩ
10
20
VS = +4.5V
RL = 2 kΩ
40
50
RL = 10 kΩ
10
25
VS = +4.5 V,
TA = –40°C to +125°C
RL = 2 kΩ
55
70
ISC
Short-circuit current
±75
mA
CLOAD
Capacitive load drive
See Typical Characteristics
pF
ZO
Open-loop output impedance
f = 1 MHz, IO = 0 A
60
Ω
POWER SUPPLY
VS
Specified voltage range
+4.5
+36
V
IO = 0 A
1.6
1.8
Quiescent current per
IQ
mA
amplifier
IO = 0 A, TA = –40°C to +125°C
2
TEMPERATURE
Specified range
–40
+125
°C
(1)
The input range can be extended beyond (V+) – 2 V up to (V+) + 0.1 V. See the Typical Characteristics and Application Information
sections for additional information.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA172 OPA2172 OPA4172


Similar Part No. - OPA2172IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2172 TI-OPA2172 Datasheet
3Mb / 42P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA2172-Q1 TI1-OPA2172-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
OPA2172QDGKQ1 TI1-OPA2172QDGKQ1 Datasheet
2Mb / 36P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
OPA2172QDGKRQ1 TI1-OPA2172QDGKRQ1 Datasheet
2Mb / 36P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
More results

Similar Description - OPA2172IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
INA212-Q1 TI1-INA212-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI1-OPA1688 Datasheet
2Mb / 41P
[Old version datasheet]   SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172 TI-OPA172_15 Datasheet
3Mb / 50P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA2172 TI-OPA2172 Datasheet
3Mb / 42P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI-OPA1688_15 Datasheet
2Mb / 40P
[Old version datasheet]   SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA4172 TI-OPA4172 Datasheet
3Mb / 42P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172-Q1 TI1-OPA172-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
OPA1688 TI-OPA1688 Datasheet
2Mb / 38P
[Old version datasheet]   OPA168x SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com