Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4140AIPW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4140AIPW
Description  11-MHz JFET Op Amp
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4140AIPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA4140AIPW Datasheet HTML 2Page - Texas Instruments OPA4140AIPW Datasheet HTML 3Page - Texas Instruments OPA4140AIPW Datasheet HTML 4Page - Texas Instruments OPA4140AIPW Datasheet HTML 5Page - Texas Instruments OPA4140AIPW Datasheet HTML 6Page - Texas Instruments OPA4140AIPW Datasheet HTML 7Page - Texas Instruments OPA4140AIPW Datasheet HTML 8Page - Texas Instruments OPA4140AIPW Datasheet HTML 9Page - Texas Instruments OPA4140AIPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
OPA140, OPA2140, OPA4140
SBOS498B – JULY 2010 – REVISED NOVEMBER 2015
www.ti.com
6.4 Thermal Information: OPA140
OPA140
THERMAL METRIC(1)
D (SOIC)
DBV (SOT)
DGK (VSSOP)
UNIT
8 PINS
5 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
160
210
180
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
75
200
55
°C/W
RθJB
Junction-to-board thermal resistance
60
110
130
°C/W
ψJT
Junction-to-top characterization parameter
9
40
N/A
°C/W
ψJB
Junction-to-board characterization parameter
50
105
120
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
6.5 Thermal Information: OPA2140
OPA2140
THERMAL METRIC(1)
D (SOIC)
DGK (VSSOP)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
160
180
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
75
55
°C/W
RθJB
Junction-to-board thermal resistance
60
130
°C/W
ψJT
Junction-to-top characterization parameter
9
N/A
°C/W
ψJB
Junction-to-board characterization parameter
50
120
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
6.6 Thermal Information: OPA4140
OPA4140
THERMAL METRIC(1)
D (SOIC)
PW (TSSOP)
UNIT
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
97
135
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
56
45
°C/W
RθJB
Junction-to-board thermal resistance
53
66
°C/W
ψJT
Junction-to-top characterization parameter
19
N/A
°C/W
ψJB
Junction-to-board characterization parameter
46
60
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: OPA140 OPA2140 OPA4140


Similar Part No. - OPA4140AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4140AIPW TI-OPA4140AIPW Datasheet
807Kb / 25P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
OPA4140AIPW TI-OPA4140AIPW Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
OPA4140AIPW TI-OPA4140AIPW Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
OPA4140AIPWR TI-OPA4140AIPWR Datasheet
807Kb / 25P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
OPA4140AIPWR TI-OPA4140AIPWR Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
More results

Similar Description - OPA4140AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA140 TI-OPA140_15 Datasheet
1Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output,11-MHz JFET Op Amp
OPA140 TI-OPA140_V01 Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
OPA4H014-SEP TI-OPA4H014-SEP_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OPA4H014-SEP 11-MHz, Precision, Low-Noise, RRO, JFET Op Amp in Space‑Enhanced Plastic
REVISED APRIL 2022
logo
Linear Technology
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
logo
Analog Devices
ADA4062-2 AD-ADA4062-2 Datasheet
489Kb / 20P
   Tiny, Low Power JFET-Input Op Amp
REV. 0
logo
Linear Technology
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
logo
Texas Instruments
OPA140 TI-OPA140_V02 Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
logo
Linear Technology
LT1057S LINER-LT1057S Datasheet
175Kb / 3P
   Dual JFET Input Precision High Speed Op Amp?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com