Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4172IPW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4172IPW
Description  36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4172IPW Datasheet(HTML) 1 Page - Texas Instruments

  OPA4172IPW Datasheet HTML 1Page - Texas Instruments OPA4172IPW Datasheet HTML 2Page - Texas Instruments OPA4172IPW Datasheet HTML 3Page - Texas Instruments OPA4172IPW Datasheet HTML 4Page - Texas Instruments OPA4172IPW Datasheet HTML 5Page - Texas Instruments OPA4172IPW Datasheet HTML 6Page - Texas Instruments OPA4172IPW Datasheet HTML 7Page - Texas Instruments OPA4172IPW Datasheet HTML 8Page - Texas Instruments OPA4172IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
VCC
VEE
VCC
VCC
VEE
VEE
VCC
LSK489
R1
3.9 k
Ÿ
R2
3.9 k
Ÿ
V1
15 V
V2
15 V
OPA172
VOUT
R3
1.13 k
Ÿ
R4
11.5
Ÿ
MMBT4401
MMBT4401
R5
300
Ÿ
Q3
Q4
+ +
Q1
Q2
R6
27.4 k
Ÿ
-140
-120
-100
-80
0.00001
0.0001
0.001
0.01
10
100
1k
10k
Frequency (Hz)
G = +1 V/V, RL = 10 k
G = +1 V/V, RL = 2 k
G = +1 V/V, RL = 600
G = -1 V/V, RL = 10 k
G = -1 V/V, RL = 2 k
G = -1 V/V, RL = 600
C007
V
OUT = 3.5 VRMS
BW = 80 kHz
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
OPA172, OPA2172, OPA4172
SBOS618H – DECEMBER 2013 – REVISED SEPTEMBER 2015
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
1 Features
3 Description
The OPA172, OPA2172 and OPA4172 (OPAx172)
1
Wide Supply Range:
are
a
family
of
36-V,
single-supply,
low-noise
+4.5 V to +36 V, ±2.25 V to ±18 V
operational
amplifiers
capable
of
operating
on
Low Offset Voltage: ±0.2 mV
supplies ranging from +4.5 V (±2.25 V) to +36 V
Low Offset Drift: ±0.3 µV/°C
(±18 V). This latest addition of high-voltage CMOS
operational
amplifiers,
in
conjunction
with
the
Gain Bandwidth: 10 MHz
OPAx171
and
OPAx170,
provide
a
family
of
Low Input Bias Current: ±8 pA
bandwidth, noise, and power options to meet the
Low Quiescent Current: 1.6 mA per Amplifier
needs of a wide variety of applications. The OPAx172
are available in micropackages, and offer low offset,
Low Noise: 7 nV/
√Hz
drift, and quiescent current. These devices also offer
EMI and RFI Filtered Inputs
wide bandwidth, fast slew rate, and high output
Input Range Includes the Negative Supply
current drive capability. The single, dual, and quad
Input Range Operates to Positive Supply
versions all have identical specifications for maximum
design flexibility.
Rail-to-Rail Output
Unlike most op amps, which are specified at only one
High Common-Mode Rejection: 120 dB
supply voltage, the OPAx172 family is specified from
Industry-Standard Packages:
+4.5 V to +36 V. Input signals beyond the supply rails
SOIC-8, VSSOP-8, SOIC-14, TSSOP-14
do not cause phase reversal. The input can operate
microPackages: Single in SC70, SOT-23,
100 mV below the negative rail and within 2 V of the
top rail during normal operation. Note that these
Dual in WSON-8
devices can operate with full rail-to-rail input 100 mV
beyond the top rail, but with reduced performance
2 Applications
within 2 V of the top rail.
Tracking Amplifier in Power Modules
The OPAx172 series of op amps are specified from
Merchant Power Supplies
–40°C to +125°C.
Transducer Amplifiers
Bridge Amplifiers
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Temperature Measurements
SC70 (5)
2.00 mm × 1.25 mm
Strain Gauge Amplifiers
OPA172
SOT-23 (5)
2.90 mm × 1.60 mm
Precision Integrators
SOIC (8)
4.90 mm × 3.91 mm
Test Equipment
SOIC (8)
4.90 mm × 3.91 mm
OPA2172
VSSOP (8)(2)
3.00 mm × 3.00 mm
WSON (8)
3.00 mm × 3.00 mm
SOIC (14)
8.65 mm × 3.91 mm
OPA4172
TSSOP (14)
4.40 mm × 5.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
(2) The VSSOP package is the same as the MSOP package.
JFET-Input Low-Noise Amplifier
Superior THD Performance
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA4172IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4172 TI-OPA4172 Datasheet
3Mb / 42P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA4172-Q1 TI1-OPA4172-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
OPA4172AQPWRQ1 TI1-OPA4172AQPWRQ1 Datasheet
2Mb / 36P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
More results

Similar Description - OPA4172IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
INA212-Q1 TI1-INA212-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI1-OPA1688 Datasheet
2Mb / 41P
[Old version datasheet]   SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172 TI-OPA172_15 Datasheet
3Mb / 50P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA2172 TI-OPA2172 Datasheet
3Mb / 42P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI-OPA1688_15 Datasheet
2Mb / 40P
[Old version datasheet]   SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA4172 TI-OPA4172 Datasheet
3Mb / 42P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172-Q1 TI1-OPA172-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
OPA1688 TI-OPA1688 Datasheet
2Mb / 38P
[Old version datasheet]   OPA168x SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com