Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMR-0201K Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # BMR-0201K
Description  System Reset IC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

BMR-0201K Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  BMR-0201K Datasheet HTML 1Page - KODENSHI_AUK CORP. BMR-0201K Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
BMR-0201
System Reset IC
KODENSHI
BMR-0201C
BMR-0201D
BMR-0201E
BMR-0201F
BMR-0201G
BMR-0201H
BMR-0201I
BMR-0201J
BMR-0201K
BMR-0201L
Hysteresis voltage
Temperature coefficient of detecting voltage
Low level output voltage
Circuit current at ON
Circuit current at OFF
Threshold operating voltage
Output current at ON 1
Output current at ON 2
Transmission delay time
Transmission delay time
DIMENSIONS
(Unit : mm)
(VC C=5V, Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
RL =470 Ω,VCC =H →L,VOL ≦0.4V
RL =470 Ω,VCC =L →H →L
RL =470 Ω,Ta=–20 ~75 ℃
RL =470 Ω,VCC =VS Min.
RL =∞Ω,VCC =VS Min.
RL =∞Ω,VCC =5.0V
RL =4.7k Ω,VOL ≦0.4V
RL =0 Ω,VCC =VS Min.
RL =0 Ω,Ta=–20 ~75 ℃
RL =4.7k Ω
RL =4.7k Ω
Item
Typ.
4.5
4.2
3.9
3.6
3.3
3.1
2.9
2.7
2.5
2.3
100
±0.01
0.1
130
40
0.65
20
-
20
5
VS
△VS
VS /△T
VOL
ICCL
ICCH
VOPL
IOL 1
IOL 2
tPLH
tPHL
4.3
4.0
3.7
3.4
3.1
2.9
2.75
2.55
2.35
2.15
40
-
-
-
-
-
10
5
-
-
4.7
4.4
4.1
3.8
3.5
3.3
3.05
2.85
2.65
2.45
300
-
0.4
300
70
0.85
-
-
50
20
V
mV
%/℃
V
μA
μA
V
mA
mA
μsec
μsec
Symbol
Conditions
Min.
Max.
Unit.
Rating
Symbol
Item
MAXIMUM RATINGS
VCC
PD
Topr.
Tstg
Tsol.
-0.3~+10.0
200
-20~+75
-40~+125
260
V
mW
Unit
(Ta=25℃)
*1.5sec at location of 2mm away from lead bottom.
Supply voltage
Power dissipation
Operating temp.
Storage temp.
Soldering temp.
*1
BMR–0201 is the low reset type of IC that guarantee to set
again micro computers or logic systems by detecting the
intermittent of fluctuating power supply voltage during
normal use or switching on/off of the equipments.
Threshold operating voltage of BMR–0201 is reduced 0.65V
lower than BMR–0101 and a comparator type of hysteresis
transistor developed by KODENSHI is built in the IC,so that
BMR–0201 is very cost effective components.
FEATURES
•Low current consumption
•Low operation voltage
•High current of output transistor
•Hysteresis circuit built in
APPLICATIONS
•Micro computer circuits in mobile phones,word
processors,TVs,VCRs etc.
•General logic circuits
•Detection of voltage drop in batteries of note personal
computers,mobile phones
•Switching to backup power supply
Detecting Voltage


Similar Part No. - BMR-0201K

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BMR-0101 KODENSHI-BMR-0101 Datasheet
316Kb / 2P
   System Reset IC
BMR-0101C KODENSHI-BMR-0101C Datasheet
316Kb / 2P
   System Reset IC
BMR-0101D KODENSHI-BMR-0101D Datasheet
316Kb / 2P
   System Reset IC
BMR-0101E KODENSHI-BMR-0101E Datasheet
316Kb / 2P
   System Reset IC
BMR-0101F KODENSHI-BMR-0101F Datasheet
316Kb / 2P
   System Reset IC
More results

Similar Description - BMR-0201K

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
   System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
   System Reset IC
logo
New Japan Radio
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
   SYSTEM RESET IC
logo
Mitsumi Electronics, Co...
PST85XX MITSUMI-PST85XX Datasheet
139Kb / 13P
   System Reset IC
logo
Rohm
BH6150F ROHM-BH6150F Datasheet
78Kb / 8P
   System reset IC
logo
New Japan Radio
NJU2103B NJRC-NJU2103B Datasheet
1Mb / 29P
   System Reset IC
Ver.1.1
NJM2102 NJRC-NJM2102 Datasheet
314Kb / 11P
   SYSTEM RESET IC
logo
KODENSHI_AUK CORP.
BMR-0101 KODENSHI-BMR-0101 Datasheet
316Kb / 2P
   System Reset IC
logo
New Japan Radio
NJM2103M-TE2 NJRC-NJM2103M-TE2 Datasheet
241Kb / 8P
   SYSTEM RESET IC
logo
KODENSHI_AUK CORP.
BMR-0401 KODENSHI-BMR-0401 Datasheet
322Kb / 2P
   System Reset IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com