Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S842E1600M2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S842E1600M2
Description  ENTERPRISE SOLID-STATE DRIVES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S842E1600M2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S842E1600M2 Datasheet HTML 1Page - List of Unclassifed Manufacturers S842E1600M2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product name
Features & Benefits
Specifications
Model / Part No.
S842E2000M2 / 0T00163
S842E1600M2 / 0T00158
S842E800M2 / 0T00191
S842E400M2 / 0T00177
S842E200M2 / 0T00169
Configuration
Interface
SAS 6Gb/s
Capacity (GB1) at 512 bytes/sector
2000 / 1600 / 800 / 400 / 200
Form factor
2.5-inch
Flash memory technology
Multi Level Cell (MLC)
Performance
Read throughput (max MB/s, sequential 64K)
520 / 520 / 530 / 530 / 530
Write throughput (max MB/s, sequential 64K)
295 / 295 / 440 / 380 / 380
Read IOPS (max IOPS, random 4K)
65,000 / 78,000 / 85,000 / 84,000 / 84,000
Write IOPS (max IOPS, random 4K)
6,000 / 12,000 / 17,500 / 34,000 / 28,500
Reliability
MTBF2 (M hours)
2.0
Endurance (DW/D for up to 5 years)
14 / 30 / 25 / 40 / 40
Lifetime PB1 Written (max PBW, random)
52 / 87 / 31 / 30 / 15
Power
Requirement (W)
9 / 9 / 9 / 12 / 12
Physical
z-height (mm)
15.0
Dimensions (width x depth, mm)
69.8 x 100.2
Environmental (operating)
Ambient temperature
0º to 60º C
s842 SAS
DATA SHEET
ENTERPRISE SOLID-STATE DRIVES
Feature / Function
Benefits
Serial Attached SCSI (SAS) interface in a 2.5-inch form factor
Industry’s gold standard for enterprise performance SSDs supporting servers and tier-0 storage applications
High performance
Random transactional performance exceeds 85,000 sustained IOPS, with sustained random or sequential large block transfers up to 530MB/s
Power/performance efficiency
A single s842 SAS SSD replaces large numbers of enterprise HDDs while delivering superior performance and data persistence, instant backup and recovery in the event of
an unplanned power failure
Secure Array of Flash Elements™ (SAFE) technology
Provides the ability to recover from NAND Flash page, block, die and chip failures, and maximizes the Mean Time Between Failure (MTBF) and Mean Time To Data Loss (MTTDL)
CellCare® technology
Extends the life of Flash media to delier enterprise-class endurance through advanced signal processing and adaptive Flash management algorithms
© 2014-2015 HGST, a Western Digital company, 3403 Yerba Buena Road, San Jose,
CA 95135 USA. Produced in the United States 9/14, revised 8/15. All rights reserved.
CellCare is a registered trademark, and Secure Array of Flash Elements is a trademark, of
HGST, Inc. and its affiliates in the United States and/or other countries.
HGST trademarks are intended and authorized for use only in countries and jurisdictions
in which HGST has obtained the rights to use, market and advertise the brand.
Contact HGST for additional information. HGST shall not be liable to third parties for
unauthorized use of this document or unauthorized use of its trademarks.
References in this publication to HGST’s products, programs or services do not imply that HGST intends to make these available in all countries in
which it operates.
Product specifications provided are sample specifications and do not constitute a warranty. Information is true as of the date of publication and is
subject to change. Actual specifications for unique part numbers may vary.
Please visit the Support section of our website www.hgst.com/support for additional information on product specifications. Photographs may show
design models.
DS21-EN-US-0815-02
1
One gigabyte (GB) is equal to one billion bytes, one terabyte (TB) is equal to 1,000GB (one trillion bytes), and
one petabyte (PB) is equal to 1,000TB (one quadrillion bytes) when referring to solid-state drive or hard drive
capacity. Accessible capacity will vary from the stated capacity due to formatting and partitioning of the drive,
the computer’s operating system, and other factors.
2
MTBF and AFR targets are based on a sample population and are estimated by statistical measurements and
acceleration algorithms under median operating conditions. MTBF and AFR ratings do not predict an individual
drive’s reliability and do not constitute a warranty.


Similar Part No. - S842E1600M2

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S842 SSOUSA-S842 Datasheet
166Kb / 4P
   1 Form A Solid State Relay
S842 SSOUSA-S842 Datasheet
166Kb / 4P
   1 Form A Solid State Relay
S842-X SSOUSA-S842-X Datasheet
275Kb / 7P
   Zero-Volt Cross Switching
logo
Harwin Plc
S8421-45R HARWIN-S8421-45R Datasheet
126Kb / 2P
   SMT COIN CELL HLDER FOR CR2032 TAPE REELED
logo
Seiko Instruments Inc
S8423 SII-S8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
More results

Similar Description - S842E1600M2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1600MR ETC2-SSD1600MR Datasheet
316Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD400S.B ETC2-SSD400S.B Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH ETC2-SSD800MH Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1000MR ETC2-SSD1000MR Datasheet
310Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1600MM ETC2-SSD1600MM Datasheet
391Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S846-MICRO ETC2-S846-MICRO Datasheet
159Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH.B ETC2-SSD800MH.B Datasheet
308Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MM ETC2-SSD800MM Datasheet
313Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S841 ETC2-S841 Datasheet
249Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
logo
Kingston Technology Far...
SEDC500R KINGSTON-SEDC500R Datasheet
1Mb / 2P
   DATA CENTER DC500 ENTERPRISE SOLID-STATE DRIVES (SSDS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com