Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S842E400M2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S842E400M2
Description  ENTERPRISE SOLID-STATE DRIVES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S842E400M2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S842E400M2 Datasheet HTML 1Page - List of Unclassifed Manufacturers S842E400M2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Information & Technical Support
www.hgst.com
www.hgst.com/partners
North America
support_usa@hgst.com
+1 888 426-5214
+1 408 717-8087
Asia Pacific
support_ap@hgst.com
+65 6840 9595
EMEA and UK
support_uk@hgst.com
+44 20 7133 0032
Germany
support_uk@hgst.com
+49 6929 993601
Partners first program support
channelpartners@hgst.com
DATA SHEET
s842 SAS
Highlights
• MLC NAND Flash for ultra-high performance and
endurance
• Highest levels of throughput and low latencies,
even under RAID5 deployments
• Up to 2x the endurance levels seen with
competitive SAS or SATA
Applications/Environments
• Enterprise-class servers and high performance
computing
• Space and/or power constrained environments
• Online Transaction Processing (OLTP)
• Financial and e-commerce
• Database analytics
• Cloud data center servers
ENTERPRISE SOLID-STATE DRIVES
High Performance, Reliability
and Endurance
In today’s economy, time is money—and accelerating
access to data is a proven success formula for
enterprises and service providers worldwide.
The s842 SAS SSD is purpose-built for enterprise
environments, cloud data center servers and storage
solutions, taking capacity, reliability and endurance to the
next level to deliver superior application performance
for all real-world workloads. With up to 2TB capacity, the
s842 SSDs offer high capacity in a compact 2.5” SAS
enclosure.
In addition to their world-class performance, the s842
SAS SSD is the most reliable, longest lasting SSD solution
now available for the enterprise market. Based on fourth-
generation HGST patented SSD controller technology,
the s842 delivers the best performance, endurance (i.e.,
device lifetimes) and reliability that is unmatched in the
industry.
HGST Enterprise Storage
Experience
HGST leverages decades of proven enterprise storage
expertise in Serial Attached SCSI (SAS) design, reliability,
firmware, customer qualification and system integration
to the s842 solid-state drive (SSD). The synergistic
relationship between HGST’s new throughput-enhancing
SSDs and traditional HDDs provides cost effective, end-
to-end enterprise-class storage solutions, delivering
reliability, compatibility, capacity, cost and system
performance. This combination makes HGST a leading
SSD/HDD provider with the experience and technology
needed to meet escalating reliability, endurance
and performance in the most demanding enterprise
environments.
2000GB, 1600GB, 800GB, 400GB and 200GB
MLC | 2.5-inch SFF | SAS 6Gb/s
HGST Quality and Service
HGST’s s842 family extends the company’s long-
standing tradition of performance and reliability
leadership. A balanced combination of new and proven
technologies enables high reliability and availability to
customer data.
HGST drives are backed by an array of technical
support and services, which may include customer and
integration assistance. HGST is dedicated to providing
a complete portfolio of SSD/HDD solutions to satisfy
today’s monumental computing needs.


Similar Part No. - S842E400M2

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S842 SSOUSA-S842 Datasheet
166Kb / 4P
   1 Form A Solid State Relay
S842 SSOUSA-S842 Datasheet
166Kb / 4P
   1 Form A Solid State Relay
S842-X SSOUSA-S842-X Datasheet
275Kb / 7P
   Zero-Volt Cross Switching
logo
Harwin Plc
S8421-45R HARWIN-S8421-45R Datasheet
126Kb / 2P
   SMT COIN CELL HLDER FOR CR2032 TAPE REELED
logo
Seiko Instruments Inc
S8423 SII-S8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
More results

Similar Description - S842E400M2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1600MR ETC2-SSD1600MR Datasheet
316Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD400S.B ETC2-SSD400S.B Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH ETC2-SSD800MH Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1000MR ETC2-SSD1000MR Datasheet
310Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1600MM ETC2-SSD1600MM Datasheet
391Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S846-MICRO ETC2-S846-MICRO Datasheet
159Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH.B ETC2-SSD800MH.B Datasheet
308Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MM ETC2-SSD800MM Datasheet
313Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S841 ETC2-S841 Datasheet
249Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
logo
Kingston Technology Far...
SEDC500R KINGSTON-SEDC500R Datasheet
1Mb / 2P
   DATA CENTER DC500 ENTERPRISE SOLID-STATE DRIVES (SSDS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com