Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUSMM8040ASS200 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HUSMM8040ASS200
Description  ENTERPRISE SOLID-STATE DRIVES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HUSMM8040ASS200 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HUSMM8040ASS200 Datasheet HTML 1Page - List of Unclassifed Manufacturers HUSMM8040ASS200 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
800GB, 400GB and 200GB | MLC
2.5-inch SFF | SAS 12Gb/s
DATA SHEET
Ultrastar® SSD800MM
ENTERPRISE SOLID-STATE DRIVES
Highlights
• MLC NAND Flash for ultra-high performance and
endurance
• Endurance: 10 drive writes per day (DW/D) for five years
• Best IOPS/Watt for reduced TCO
• 12Gb/s SAS interface for maximum throughput
• Advanced power loss data management technology
• Self-encrypting models conform to TCG’s Enterprise
specification
Applications/Environments
• Ultra-high performance tier-0 enterprise storage
• Enterprise-class servers and high performance
computing
• Space and/or power constrained environments
• Online Transaction Processing (OLTP)
• Video pre/post-production
• Financial and e-commerce
• Database analytics
HGST Enterprise Storage
Experience
HGST leverages decades of proven enterprise storage
expertise in Serial Attached SCSI (SAS) design reliability,
firmware, customer qualification and system integration
to the Ultrastar® SSD800MM solid-state drive (SSD) family.
The synergistic relationship between HGST’s throughput-
enhancing SSDs and traditional HDDs provides cost
effective, end-to-end enterprise-class storage solutions,
delivering reliability, compatibility, capacity, cost and system
performance. This combination makes HGST a leading SSD/
HDD provider with the experience and technology needed
to meet escalating reliability, endurance and performance in
the most demanding enterprise environments.
Maximum Performance,
Reliability and Endurance
The Ultrastar SSD800MM delivers high sequential
throughput, up to 1200MB/s read and 700MB/s write
(12Gb/s SAS). The Ultrastar SSD800MM also delivers up to
145,000 read and 70,000 write IOPS, reaching speeds >100
times faster than HDDs and double the speed of current
6Gb/s SSDs, allowing rapid access to “hot” enterprise data
for improved productivity and operational efficiency. The
Ultrastar SSD800MM family offers significant value in terms
of IOPS per Watt, while reducing total cost of ownership
(TCO) through low power consumption, efficient cooling and
reduced space requirements.
The Ultrastar SSD800MM family combines enterprise-grade
MLC NAND flash memory, advanced endurance management
firmware and power loss data management techniques to
extend reliability, endurance, and sustained performance over
the life of the SSD. The Ultrastar SSD800MM family achieves
an extraordinary 0.44% annual failure rate (AFR) or two million
hour mean-time-between-failure (MTBF). The 800GB capacity
model endures up to 14.6 Petabytes (PB) of random writes
over the life of the drive—the equivalent of writing 8 Terabytes
(TB) per day for five years.
For complete end-to-end data protection and reliability,
the Ultrastar SSD800MM family incorporates the T10 Data
Integrity Field (DIF) standard, extended error correction code
(ECC), Exclusive-OR (XOR) parity to protect against flash die
failure, parity-checked internal data paths without an external
write cache, and an exclusive power loss data management
feature that does not require supercapacitors. The Ultrastar
SSD800MM family is backed by a five year limited warranty, or
the maximum Petabytes (PB) written (based on capacity).
HGST Quality and Service
HGST’s Ultrastar SSD800MM family extends the company’s
long-standing tradition of performance and reliability
leadership. A balanced combination of new and proven
technologies enables high reliability and availability to
customer data.
HGST drives are backed by an array of technical support
and services, which may include customer and integration
assistance. HGST is dedicated to providing a complete
portfolio of SSD/HDD solutions to satisfy today’s
monumental computing needs
.
Features & Benefits
Performance
Power
Capacity
Reliability
Integration
Feature/function
• SAS 12Gb/s
• MLC NAND flash memory
• 1150MB/s / 700MB/s sequential R/W
• 145K / 70K IOPS random R/W
• 110K IOPS on 70/30 mix R/W
9.0 and 11.0 Watt options
• 800GB
• 400GB
• 200GB
• 0.44% AFR (2M hours MTBF)
• 1E-17 bit error rate
• T10 end-to-end data protection
• Exclusive-OR (XOR) NAND
• Power loss data management
• Unlimited reads, up to 14.6PB random writes (800GB)
• HDD architecture commonality
• Systems integration and test lab
Benefit
• 6Gb/s Active-Active Dual Port or 12Gb/s Single/
Dual port for enhanced reliability
• Highest write performance and endurance
• Maximum throughput and IOPS for ultra-fast access
to data; >100x faster than typical HDD
Improved performance
with higher power option
More capacity for
less space and
power
• Reduced field replacement effort
• Enhanced error detection and correction for optimal data integrity
• Protection against flash die failure
• Assures data integrity during power failure
• Maximum endurance over the life of SSD
• Compatibility with Ultrastar SAS HDDs
• Extensive interoperability and
compliance testing


Similar Part No. - HUSMM8040ASS200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HUSMM1616ASS200 ETC2-HUSMM1616ASS200 Datasheet
391Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMM1616ASS201 ETC2-HUSMM1616ASS201 Datasheet
391Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMM1616ASS204 ETC2-HUSMM1616ASS204 Datasheet
391Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMM1616ASS205 ETC2-HUSMM1616ASS205 Datasheet
391Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMM1620ASS200 ETC2-HUSMM1620ASS200 Datasheet
391Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
More results

Similar Description - HUSMM8040ASS200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1600MR ETC2-SSD1600MR Datasheet
316Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD400S.B ETC2-SSD400S.B Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH ETC2-SSD800MH Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1000MR ETC2-SSD1000MR Datasheet
310Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1600MM ETC2-SSD1600MM Datasheet
391Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S846-MICRO ETC2-S846-MICRO Datasheet
159Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S842 ETC2-S842 Datasheet
151Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH.B ETC2-SSD800MH.B Datasheet
308Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S841 ETC2-S841 Datasheet
249Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
logo
Kingston Technology Far...
SEDC500R KINGSTON-SEDC500R Datasheet
1Mb / 2P
   DATA CENTER DC500 ENTERPRISE SOLID-STATE DRIVES (SSDS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com