Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUSMR1010ASS201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HUSMR1010ASS201
Description  ENTERPRISE SOLID-STATE DRIVES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HUSMR1010ASS201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HUSMR1010ASS201 Datasheet HTML 1Page - List of Unclassifed Manufacturers HUSMR1010ASS201 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
Ultrastar® SSD1000MR
Highlights
• MLC NAND Flash for ultra-high performance and
endurance
• Endurance: Two drive writes per day (DW/D) for five
years
• Best IOPS/Watt for reduced TCO
• 12Gb/s SAS interface for maximum throughput
• Advanced power loss data management technology
• Self-encrypting models conform to TCG’s Enterprise
specification
Applications/Environments
• Ultra-high performance tier-0 Read endurance
enterprise storage
• Enterprise-class servers and high performance
computing
• Space and/or power
constrained environments
• Video pre/post-production
• Cloud computing
ENTERPRISE SOLID-STATE DRIVES
HGST Enterprise Storage
Experience
HGST leverages decades of proven enterprise storage
expertise in Serial Attached SCSI (SAS) design reliability,
firmware, customer qualification and system integration
to the Ultrastar® SSD1000MR solid-state drive (SSD)
family. The synergistic relationship between HGST’s
throughput-enhancing SSDs and traditional HDDs
provides cost effective, end-to-end enterprise-class
storage solutions, delivering reliability, compatibility,
capacity, cost and system performance. This
combination makes HGST a leading SSD/HDD provider
with the experience and technology needed to meet
escalating reliability, endurance and performance in the
most demanding enterprise environments.
Maximum Performance,
Reliability and Endurance
The Ultrastar SSD1000MR delivers high sequential
throughput, up to 1200MB/s read and 700MB/s write
(12Gb/s SAS). The Ultrastar SSD1000MR also delivers
up to 145,000 read and 20,000 write IOPS, reaching
speeds >100 times faster than HDDs and double the
speed of current 6Gb/s SSDs, allowing rapid access
to “hot” enterprise data for improved productivity and
operational efficiency. The Ultrastar SSD1000MR family
offers significant value in terms of IOPS per Watt, while
reducing total cost of ownership (TCO) through low
power consumption, efficient cooling and reduced
space requirements.
The Ultrastar SSD1000MR family combines enterprise-
grade MLC NAND flash memory, advanced endurance
management firmware and power loss data
management techniques to extend reliability, endurance,
and sustained performance over the life of the SSD. The
Ultrastar SSD1000MR family achieves an extraordinary
0.44% annual failure rate (AFR) or two million hour mean-
time-between-failure (MTBF). The 1000GB capacity
model endures up to 3.7 Petabytes (PB) of random writes
over the life of the drive—the equivalent of writing 2
Terabytes (TB) per day for five years.
For complete end-to-end data protection and reliability,
the Ultrastar SSD1000MR family incorporates the T10
Data Integrity Field (DIF) standard, extended error
correction code (ECC), Exclusive-OR (XOR) parity to
protect against flash die failure, parity-checked internal
data paths without an external write cache, and an
exclusive power loss data management feature that does
1000GB, 500GB and 250GB | MLC
2.5-inch SFF | SAS 12Gb/s
HGST Quality and Service
HGST’s Ultrastar SSD1000MR family extends the
company’s long-standing tradition of performance and
reliability leadership. A balanced combination of new
and proven technologies enables high reliability and
availability to customer data.
HGST drives are backed by an array of technical
support and services, which may include customer and
integration assistance. HGST is dedicated to providing
a complete portfolio of SSD/HDD solutions to satisfy
today’s monumental computing needs.
Performance
Power
Capacity
Reliability
Integration
Feature/function
• SAS 12Gb/s
• 1200MB/s / 700MB/s sequential R/W
• 145K / 20K IOPS random R/W
• 36K IOPS on 70/30 mix R/W
9.0 and 11.0 Watt options
• 1000GB
• 500GB
• 250GB
• 0.44% AFR (2M hours MTBF)
• 1E-17 bit error rate
• T10 end-to-end data protection
• Exclusive-OR (XOR) NAND
• Power loss data management
• Unlimited reads, up to 3.7PB random writes (1000GB)
• HDD architecture commonality
• Systems integration and test lab
Benefit
• 6Gb/s Active-Active Dual Port or 12Gb/s Single/
Dual port for enhanced reliability
• Highest write performance and endurance
• Maximum throughput and IOPS for ultra-fast access
to data; >100x faster than typical HDD
Improved performance
with higher power option
More capacity for
less space and
power
• Reduced field replacement effort
• Enhanced error detection and correction for optimal data integrity
• Protection against flash die failure
• Assures data integrity during power failure
• Maximum endurance over the life of SSD
• Compatibility with Ultrastar SAS HDDs
• Extensive interoperability and
compliance testing
Features & Benefits
not require supercapacitors. The Ultrastar SSD1000MR
family is backed by a five year limited warranty, or the
maximum Petabytes (PB) written (based on capacity).


Similar Part No. - HUSMR1010ASS201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HUSMR1610ASS200 ETC2-HUSMR1610ASS200 Datasheet
316Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMR1610ASS201 ETC2-HUSMR1610ASS201 Datasheet
316Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMR1610ASS204 ETC2-HUSMR1610ASS204 Datasheet
316Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMR1610ASS205 ETC2-HUSMR1610ASS205 Datasheet
316Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMR1616ASS200 ETC2-HUSMR1616ASS200 Datasheet
316Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
More results

Similar Description - HUSMR1010ASS201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1600MR ETC2-SSD1600MR Datasheet
316Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD400S.B ETC2-SSD400S.B Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH ETC2-SSD800MH Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1600MM ETC2-SSD1600MM Datasheet
391Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S846-MICRO ETC2-S846-MICRO Datasheet
159Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S842 ETC2-S842 Datasheet
151Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH.B ETC2-SSD800MH.B Datasheet
308Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MM ETC2-SSD800MM Datasheet
313Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S841 ETC2-S841 Datasheet
249Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
logo
Kingston Technology Far...
SEDC500R KINGSTON-SEDC500R Datasheet
1Mb / 2P
   DATA CENTER DC500 ENTERPRISE SOLID-STATE DRIVES (SSDS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com