Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS-2RZH24T12D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TS-2RZH24T12D
Description  12-BAY ENTERPRISE-CLASS NETWORK & ISCSI STORAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS-2RZH24T12D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TS-2RZH24T12D Datasheet HTML 1Page - List of Unclassifed Manufacturers TS-2RZH24T12D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.buffalo-asia.com
SPECIFICATIONS
LAN INTERFACE
Standard Compliance:
IEEE802.3/IEEE802.3u/IEEE802.3ab
Data Transfer Rates:
10/100/1000 Mbps (Auto Sensing)
Connector Type:
RJ-45
Number of Ports:
4
INTERNAL HARD DRIVES
Number of Drives:
12
Hard Drive Capacities:
2 TB / 3TB / 4TB
Total Capacity:
24 TB / 36TB / 48TB
Drive Interface:
SATA 6 Gbps
Supported RAID Levels: RAID 0/1/5/6/10/51/61/JBOD
(Individual Disks)
USB INTERFACE
Interface:
USB 2.0
Number of Ports:
6 Type A
Data Transfer Rates:
480 Mbps (USB 2.0)
Expansion Slots:
PCI-Express x8 slot x 1
PCI-Express x4 slot x 1
PROTOCOL SUPPORT
Networking:
TCP/IP
File Sharing:
CIFS/SMB, AFP, HTTP/HTTPS,
FTP/SFTP/FTPS, NFS
Directory Integration:
LDAP, Active Directory
Management:
HTTP/HTTPS
Time Synchronization:
NTP
OTHER
Power Consumption:
250 W (Maximum)
Dimensions (LxWxH):
480 x 88 x 736 mm
Weight:
25 kg
Operating Environment: Temperture: 5-35°C,
Humidity: 20-80% (non-condensing)
Power Supply:
Internal AC 100-240V Universal,
50/60 Hz
Setup Utility OS Support: Windows ® Operating Systems
Client OS Support:
Windows ® 8 (32-bit/64-bit),
Windows ® 7 (32-bit/64-bit),
Windows Vista ® (32-bit/64-bit),
Windows ® XP, Windows ® 2000,
Windows Server ® 2008,
Windows Server ® 2003,
Windows ® 2000 Server,
Mac OS ® X 10.4-10.7
(in evaluating)
Windows Server ® 2012,
Mac OS ® X 10.8
REPLACEMENT PARTS & ACCESSORIES
Enterprise HDDs:
ST2000NM0011, WD2003FYYS
Buffalo HDD: OP-HD2.0ZH
Replacement Fan:
OP-FAN-2RZ
Power Supply:
OP-PU-2RZ
PCI-Express Cards:
IFC-PCIE2U3, IFC-PCIE2U3S2
PCI-E 10GbE Adapters:
Emulex: OCe11102-N, OCe11102-I,
OCe11102-F
Intel:X540T2, E10G42BTDA, E10G41BFSR,
E10G42BFSR, E10G41AT2
TERASTATION NAS SYSTEM
TeraStation 7120r Enterprise runs on
Buffalo’s TeraStation NAS System
providing a host of business-class
features from network le sharing and
security to RAID management, remote
access and more. Managing data,
backups and data sharing in a
production environment or larger
business is made easy with this NAS
operating system. Included on all
Buffalo TeraStation devices, TeraStation
NAS System simplies your everyday
data needs.
MODELS
BOX CONTENTS
TS-2RZHD
Enterprise
™ 7120r
Data rate, features and performance may vary based on the configuration of your system and other factors.
1 TB= 1,000,000,000,000 Bytes. Actual data throughput and range will vary depending upon network conditions and environmental factors, including volume of network traffic,
building materials and construction, and network overhead.
©2012 BUFFALO INC. All rights reserved. BUFFALO and BUFFALO logo are either trademarks or registered trademarks of MELCO HOLDINGS INC. TeraStation is a trademarks of BUFFALO INC.
Microsoft Windows, Windows Vista and Windows logo are either registered trademarks or trademarks of Microsoft Corporation in the United States and/or other countries. Mac OS is a trademark
of Apple Inc., registered in the U.S. and other countries. The names and logos of other companies mentioned herein belong to their respective owners.
TeraStation 7120r Enterprise (TS-2RZHD), Setup CD-ROM, Ethernet
Cable, AC Cable (2), 4-Post Rackmount Rails, Quick Setup Guide,
Warranty Statement
TS-2RZH48T12D(48TB) / TS-2RZH36T12D(36TB) / TS-2RZH24T12D(24TB)


Similar Part No. - TS-2RZH24T12D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS-2RZS08T04D ETC2-TS-2RZS08T04D Datasheet
2Mb / 2P
   12-BAY BUSINESS-CLASS NETWORK & ISCSI STORAGE
TS-2RZS12T04D ETC2-TS-2RZS12T04D Datasheet
2Mb / 2P
   12-BAY BUSINESS-CLASS NETWORK & ISCSI STORAGE
TS-2RZSD ETC2-TS-2RZSD Datasheet
2Mb / 2P
   12-BAY BUSINESS-CLASS NETWORK & ISCSI STORAGE
More results

Similar Description - TS-2RZH24T12D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS-2RZSD ETC2-TS-2RZSD Datasheet
2Mb / 2P
   12-BAY BUSINESS-CLASS NETWORK & ISCSI STORAGE
logo
Level One
FNS-1020 LVL1-FNS-1020 Datasheet
180Kb / 2P
   1-Bay Simple Network Storage
GNS-4001 LVL1-GNS-4001 Datasheet
838Kb / 3P
   4-Bay Gigabit Network Storage
logo
Advantech Co., Ltd.
ASR-3272 ADVANTECH-ASR-3272 Datasheet
1Mb / 2P
   2U 12-bay Storage Server
logo
Microchip Technology
EEC1005 MICROCHIP-EEC1005 Datasheet
820Kb / 56P
   Enterprise Storage Backplane Management Processor
05/14/19
logo
Advantech Co., Ltd.
ESRP-ACT-UNO2484 ADVANTECH-ESRP-ACT-UNO2484 Datasheet
1,001Kb / 2P
   Enterprise IoT Network Platform
logo
Silicon Laboratories
SI50122-A3 SILABS-SI50122-A3 Datasheet
1Mb / 14P
   Network Attached Storage
logo
List of Unclassifed Man...
LS-WVL ETC2-LS-WVL Datasheet
516Kb / 2P
   Shared Network Storage
logo
Broadcom Corporation.
6510 BOARDCOM-6510 Datasheet
263Kb / 6P
   Flexible, Easy-to-Use Enterprise-Class SAN Switch for Private Cloud Storage
logo
List of Unclassifed Man...
RS12-38800 ETC2-RS12-38800 Datasheet
356Kb / 2P
   12-bay SAS/SATA II network storage server with dual CPU quad-core Xeon, RAID, encryption engine and flexible network connectivity
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com