Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUSMH8020BSS205 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HUSMH8020BSS205
Description  ENTERPRISE SOLID-STATE DRIVES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HUSMH8020BSS205 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HUSMH8020BSS205 Datasheet HTML 1Page - List of Unclassifed Manufacturers HUSMH8020BSS205 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Ultrastar® SSD800MH.B
DATA SHEET
ENTERPRISE SOLID-STATE DRIVES
Model / Part No.
HUSMH8080BSS204 / 0B32071
HUSMH8080BSS200 / 0B31072
HUSMH8080BSS201 / 0B32043
HUSMH8080BSS205 / 0B32093
HUSMH8040BSS204 / 0B32070
HUSMH8040BSS200 / 0B31071
HUSMH8040BSS201 / 0B32043
HUSMH8040BSS205 / 0B32092
HUSMH8020BSS204 / 0B32069
HUSMH8020BSS200 / 0B31070
HUSMH8020BSS201 / 0B32041
HUSMH8020BSS205 / 0B32091
HUSMH8010BSS204 / 0B32068
HUSMH8010BSS200 / 0B31069
HUSMH8010BSS201 / 0B32040
HUSMH8010BSS205 / 0B32090
Configuration
Interface
SAS 12Gb/s
Capacity (GB1) at 512 bytes/sector
800 / 400 / 200 / 100
Form factor
2.5-inch
Flash memory technology
Multi Level Cell (MLC)
Sector size support
512, 520, 528, 4K
Performance
Read throughput (max MB/s, sequential 64K)
1100
Write throughput (max MB/s, sequential 64K)
765
Read IOPS (max IOPS, random 4K)
130,000
Write IOPS (max IOPS, random 4k)
110,000
Reliability
Error rate (non-recoverable bits read)
1 in 1017
MTBF2 (M hours)
2.5
Annual failure rate2 (AFR)
0.35%
Availability (hrs/day x days/wk)
24x7
Endurance (max PB1, random write)
36.5 / 18.3 / 9.1
Power
Requirement
+5 VDC (+/-5%)
+12 VDC (+/-5%)
Operating (W, typical)
9.0 and 11.0
Idle (W)
2.2
Physical
z-height (mm)
15.0
Dimensions (width x depth, mm)
70.1 x 100.6
Weight (g, max)
187
Environmental (operating)
Case temperature
0º to 70ºC
Shock (half-sine wave)
1000G (0.5ms)
500G (2ms)
Vibration, random (G RMS)
2.16, all axis (5 to 700 Hz)
1
One gigabyte (GB) is equal to one billion bytes, one terabyte (TB) is equal to 1,000GB (one trillion
bytes), and one petabyte (PB) is equal to 1,000TB (one quadrillion bytes) when referring to solid-
state drive or hard drive capacity. Accessible capacity will vary from the stated capacity due to
formatting and partitioning of the drive, the computer’s operating system, and other factors.
2
MTBF and AFR targets are based on a sample population and are estimated by statistical
measurements and acceleration algorithms under median operating conditions. MTBF and AFR
ratings do not predict an individual drive’s reliability and do not constitute a warranty.
How to Read the Ultrastar Model Number
HUSMH8080BSS200 = 800GB, SAS 12Gb/s
H = HGST
U = Ultrastar
S = Standard
MH = Multi level cell, high endurance (25DW/D)
80 = Full capacity (800GB)
80 = Capacity of this model
(80 = 800GB, 40 = 400GB, 20 = 200GB, etc.)
B = Generation code
S = Small form factor (vs. L for Large FF)
S2 = Interface, SAS 12Gb/s
0 = Standard
0 = Crypto sanitize
(1 = TCG encryption, 4 = No encryption,
5 = TCG + FIPS certified encryption)
DS21-EN-US-0815-04
© 2015 HGST, Inc., 3403 Yerba Buena Road, San Jose, CA 95135 USA. Produced in the United
States 4/15, revised 8/15. All rights reserved.
Ultrastar is a registered trademark of HGST, Inc. and its affiliates in the United States and/or other
countries.
HGST trademarks are intended and authorized for use only in countries and jurisdictions in which
HGST has obtained the rights to use, market and advertise the brand. Contact HGST for additional
information. HGST shall not be liable to third parties for unauthorized use of this document or
unauthorized use of its trademarks.
References in this publication to HGST’s products, programs or services do not imply that HGST
intends to make these available in all countries in which it operates.
Product specifications provided are sample specifications and do not constitute a warranty.
Information is true as of the date of publication and is subject to change. Actual specifications for
unique part numbers may vary.
Please visit the Support section of our website www.hgst.com/support for additional information on
product specifications. Photographs may show design models.
Information & Technical Support
www.hgst.com
www.hgst.com/support
Partners First Program
channelpartners@hgst.com
www.hgst.com/partners


Similar Part No. - HUSMH8020BSS205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HUSMH8020ASS200 ETC2-HUSMH8020ASS200 Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMH8020ASS201 ETC2-HUSMH8020ASS201 Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMH8020ASS204 ETC2-HUSMH8020ASS204 Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMH8020ASS205 ETC2-HUSMH8020ASS205 Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
More results

Similar Description - HUSMH8020BSS205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1600MR ETC2-SSD1600MR Datasheet
316Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD400S.B ETC2-SSD400S.B Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH ETC2-SSD800MH Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1000MR ETC2-SSD1000MR Datasheet
310Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1600MM ETC2-SSD1600MM Datasheet
391Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S846-MICRO ETC2-S846-MICRO Datasheet
159Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S842 ETC2-S842 Datasheet
151Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MM ETC2-SSD800MM Datasheet
313Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S841 ETC2-S841 Datasheet
249Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
logo
Kingston Technology Far...
SEDC500R KINGSTON-SEDC500R Datasheet
1Mb / 2P
   DATA CENTER DC500 ENTERPRISE SOLID-STATE DRIVES (SSDS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com