Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUS724040ALS641 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HUS724040ALS641
Description  3.5-INCH ENTERPRISE 7200 RPM HARD DISK DRIVES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HUS724040ALS641 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HUS724040ALS641 Datasheet HTML 1Page - List of Unclassifed Manufacturers HUS724040ALS641 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product name
Specifications
Ultrastar® 7K4000
DATA SHEET
3.5-INCH ENTERPRISE 7200 RPM HARD DISK DRIVES
How to read the Ultrastar model number
HUS724040ALE640 = 4TB, SATA 6Gb/s,
64MB buffer
H = HGST
U = Ultrastar
S = Standard
72 = 7200 RPM
40 = Full capacity — 4TB
40 = Capacity this model, 40 = 4TB
(30 = 3TB, 20 = 2TB)
A = Generation code
L= 26.1mm z-height
E6 = Interface, SATA 6Gb/s, 512e
(A6 = SATA 512n, S6 = SAS 512n)
4 = 64MB buffer
0 = No encryption (1 = encryption)
Model / Part No
HUS724040ALE640 / 0F14683
HUS724040ALE641 / 0F18425
HUS724030ALE640 / 0F14684
HUS724030ALE641 / N/A
HUS724020ALE640 / 0F14685
HUS724020ALE641 / N/A
HUS724040ALA640 / 0F14688
HUS724030ALA640 / 0F14689
HUS724020ALA640 / 0F14690
HUS724040ALS640 / 0B26885
HUS724040ALS641 / 0B26927
HUS724030ALS640 / 0B26886
HUS724030ALS641 / 0B26926
HUS724020ALS-640 / 0B26887
HUS724020ALS641 / 0B26925
Configuration
Interface
SATA 6Gb/s
SAS 6Gb/s
Capacity (GB)2 at 512 bytes/sector
4TB / 3TB / 2TB
Form factor
3.5-inch
Sector size (bytes)3
512e , 512n
512 / 520 / 528
Max. areal density (Gbits/sq. in)
446 (512e) , 475 (512n)
475
Performance
Data buffer (MB)4
64
Rotational speed (RPM)
7200
Interface transfer rate (MB/s, max)
600
Sustained transfer rate (MB/s, typical)5 171 (512e), 181 (512n)
183
Seek time (read, ms, typical)6
8.0
Reliability
Error rate (non-recoverable, bits read)
1 in 1015
Load/Unload cycles (at 40° C)
600,000
Availability (hrs/day x days/wk)
24x7
MTBF1 (M hours)
2.0
Annualized Failure Rate1 (AFR)
0.44%
Warranty (yrs)
5
Acoustics
Idle (Bels, typical)
2.9
Power
Requirement
+5 VDC (+/-5%)
+12VDC (+10%/-8%)
Startup current (A, max)
1.2 (+5V), 2.0 (+12V)
Read/write (W)
11.4
10.9
Idle (W, avg)
6.9
7.6
Unload idle (W)
5.7
6.2
Physical size
z-height (mm, max)
26.1
Dimensions (width x depth, mm)
101.6 (+/-0.25) x 147
Weight (g, typical)
690
Environmental (operating)
Ambient temperature
5o to 60o C
Shock (half-sine wave 2 ms, G)
70
Vibration (G RMS, 5 to 500 Hz)
0.67 (XYZ)
Environmental (non-operating)
Ambient temperature
-40o to 70o C
Shock (half-sine wave, 1ms, G)
300
Vibration (G RMS, 5 to 500 Hz)
1.04 (XYZ)
1
One MB is equal to one million bytes, one GB is equal to one billion
bytes and one TB equals 1,000GB (one trillion bytes) when referring
to hard drive capacity. Accessible capacity will vary from the stated
capacity due to formatting and partitioning of the hard drive, the
computer’s operating system, and other factors.
2
MTBF and AFR targets are based on a sample population and are
estimated by statistical measurements and acceleration algorithms
under median operating conditions. MTBF and AFR ratings do not
predict an individual drive’s reliability and do not constitute a warranty.
3
Advanced Format drive: 4K (4096-byte) physical sec
4
Portion of buffer capacity used for drive firmware
5
MiB/s is 220 bytes, MB/s is 106 bytes
6
Excludes command overhead
7
SATA models: 8K Queue Depth = 1, SAS models: 4K Queue Depth = 4
8
Idle specification is based on use of Idle_A
© 2014-2015 HGST, Inc. 3403 Yerba Buena Road, San Jose, CA 95135 USA. Produced in the
United States 4/12, rev. 8/12, 12/12, 11/13, 12/13, 2/14, 7/14, 12/14, 8/15. All rights reserved.
Ultrastar is a registered trademark of HGST, Inc. and its affiliates in the United States and/or other
countries. Other trademarks are property of their respective companies.
HGST trademarks are intended and authorized for use only in countries and jurisdictions in which
HGST has obtained the rights to use, market and advertise the brand. Contact HGST for additional
information. HGST shall not be liable to third parties for unauthorized use of this document or
unauthorized use of its trademarks.
References in this publication to HGST’s products, programs, or services do not imply that HGST
intends to make these available in all countries in which it operates.
Product specifications provided are sample specifications and do not constitute a warranty.
Information is true as of the date of publication and is subject to change. Actual specifications for
unique part numbers may vary.
Please visit the Support section of our website, www.hgst.com/support, for additional information on
product specifications. Photographs may show design models.
Information & Technical Support
www.hgst.com
www.hgst.com/support
Partners First Program
channelpartners@hgst.com
www.hgst.com/partners
DSUS7K4013EN-09


Similar Part No. - HUS724040ALS641

ManufacturerPart #DatasheetDescription
logo
Western Digital Corpora...
HUS726020ALE610/1/4 WESTERN-HUS726020ALE610/1/4 Datasheet
5Mb / 274P
   3.5 inch Serial ATA hard disk drive
Revision 1.3 2 April 2015
HUS726020ALN610/1/4 WESTERN-HUS726020ALN610/1/4 Datasheet
5Mb / 274P
   3.5 inch Serial ATA hard disk drive
Revision 1.3 2 April 2015
HUS726040ALE610/1/4 WESTERN-HUS726040ALE610/1/4 Datasheet
5Mb / 274P
   3.5 inch Serial ATA hard disk drive
Revision 1.3 2 April 2015
HUS726040ALN610/1/4 WESTERN-HUS726040ALN610/1/4 Datasheet
5Mb / 274P
   3.5 inch Serial ATA hard disk drive
Revision 1.3 2 April 2015
HUS726050ALE610/1/4 WESTERN-HUS726050ALE610/1/4 Datasheet
5Mb / 274P
   3.5 inch Serial ATA hard disk drive
Revision 1.3 2 April 2015
More results

Similar Description - HUS724040ALS641

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A7K2000 ETC2-A7K2000 Datasheet
930Kb / 2P
   3.5-Inch Enterprise 7200 RPM Hard Disk Drives
Z7K500 ETC2-Z7K500 Datasheet
514Kb / 2P
   2.5-INCH MOBILE 7200 RPM 7MM HARD DISK DRIVES
HE10 ETC2-HE10 Datasheet
303Kb / 2P
   3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
USHE6 ETC2-USHE6 Datasheet
325Kb / 2P
   3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
C7K1000 ETC2-C7K1000 Datasheet
513Kb / 2P
   2.5-Inch SFF Enterprise Hard Disk Drives
logo
Toshiba Semiconductor
MD03ACA-V TOSHIBA-MD03ACA-V Datasheet
1Mb / 2P
   Hard Disk Drives 2TB / 3TB / 4TB * 3.5-Inch / 7,200 RPM / SATA
logo
List of Unclassifed Man...
5K1000 ETC2-5K1000 Datasheet
676Kb / 2P
   2.5-Inch Mobile 5400 RPM 9.5mm Hard Disk Drives
logo
Western Digital Corpora...
HUS726060ALE610 WESTERN-HUS726060ALE610 Datasheet
5Mb / 274P
   3.5 inch Serial ATA hard disk drive
Revision 1.3 2 April 2015
WD4002FYYZ WESTERN-WD4002FYYZ Datasheet
382Kb / 2P
   WD Gold™ Enterprise-class Hard Drives
August 2017
logo
Advantech Co., Ltd.
96ND1T-ST-SG7E ADVANTECH-96ND1T-ST-SG7E Datasheet
110Kb / 1P
   7200 RPM spindle speed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com