Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

55100-AP-02-E Datasheet(PDF) 1 Page - Littelfuse

Part # 55100-AP-02-E
Description  Miniature Flange Mounting Proximity Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

55100-AP-02-E Datasheet(HTML) 1 Page - Littelfuse

  55100-AP-02-E Datasheet HTML 1Page - Littelfuse 55100-AP-02-E Datasheet HTML 2Page - Littelfuse 55100-AP-02-E Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
littelfuse.com
© 2015 Littelfuse
Revised: 11/02/15
Specifications are subject to change without notice.
55100 Miniature Flange Mounting Proximity Sensor
Description
The 55100 is a miniature flange mounting hall effect sensor 25.5mm (1.004”) x
11.00m (0.433”) and only 3.00mm (0.118”) high with a choice of digital or
programmable analogue outputs. It is available as three-wire (voltage output) or
two-wire (current output) versions. It’s case design enables screw or adhesive
mounting and capable of switching up to 28Vdc and 20mA. It comes with a
range of sensitivity, cable length and connector options.
Hall Effect Sensors
Features
• Magnetically operated position
sensor
• Digital or programmable analog
types available
• Medium, high or programmable
sensitivities
• Three-wire (voltage output) or two-
wire (current output) versions
• Open Drain Output
• Reverse/Over voltage protection
• Built in temperature compensation
• Vibration 50g max. @ 50-2,000Hz
• Shock 150g max. @ 11ms ½ Sine
Benefits
• High switching speed up to 10kHz
• Long life - up to 20 billion
operations
• Unaffected by harsh environments
• Operates in static or dynamic
magnetic field
• Customer selection of cable length
and connector type
Applications
• Position and limit sensing
• RPM measurement
• Flow metering
• Commutaion of brushless dc motors
• Angle sensing
• Magnetic encoders
Dimensions
Dimensions in mm (inch)
Block Diagram
Flange Mount > 55100
Notes:
1. Add capcitor Cn as shown, close to the sensor , for transient suppression if required.
2. Add pull-up resistor Rpu as shown for sinking output. The Rpu value should be calculated
using your supply voltage while keeping the ON state current at a level below the
maximum. Rpu = VDD/Io;
Rpu = 12Vdc/10mA = 1.2kOhm
VDD
Pin 1
(Red)
Hall
Plate
Clock
Comparator
Cn
GND
Pin 2
(Black)
Switch
Current
Source
Two-wire Version
VDD
Pin 1
(Red)
Hall
Plate
Clock
Comparator
Cn
Rpu
VDD
OUT
Pin 3
(Blue)
GND
Pin 2
(Black)
Switch
Output
Three-wire Version
1.50
(.059)
(2.00)
3.30x4.20 TYP.
SLOT (.130X.165)
300
(11.81)
6.35 NOM.
(.250)
3.00
(.118)
11.00
(.433)
Excluding encapsulant
Note: Two-wire version illustrated.
25.50
(1.004)
16.60
(.654)
7.50
(.295)
Center of Sensitivity


Similar Part No. - 55100-AP-02-E

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
55100-AP-02-E HAMLIN-55100-AP-02-E Datasheet
239Kb / 1P
   55100 Miniature Flange Mount Hall Effect Proximity Sensor
More results

Similar Description - 55100-AP-02-E

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
HAMLIN55100 HAMLIN-HAMLIN55100 Datasheet
239Kb / 1P
   55100 Miniature Flange Mount Hall Effect Proximity Sensor
logo
celduc-relais
PAB10020 CELDUC-PAB10020 Datasheet
294Kb / 2P
   MINIATURE STANDARD PROXIMITY SENSOR
logo
ams AG
TMD2635 AMSCO-TMD2635 Datasheet
709Kb / 47P
   Miniature Proximity Sensor Module
2020-Aug-25
logo
Omron Electronics LLC
E2S OMRON-E2S Datasheet
545Kb / 8P
   Miniature Square Inductive Proximity Sensor
logo
Pepperl+Fuchs Inc.
BF-L2 PF-BF-L2 Datasheet
1Mb / 1P
   Mounting flange
BF-L3M PF-BF-L3M Datasheet
736Kb / 1P
   Mounting flange
BF30-F PF-BF30-F Datasheet
890Kb / 2P
   Mounting flange
BF4 PF-BF4 Datasheet
510Kb / 1P
   Mounting flange
BF11 PF-BF11 Datasheet
368Kb / 1P
   Mounting flange
BF18-F PF-BF18-F Datasheet
735Kb / 2P
   Mounting flange
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com