Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

59022-1-T-02-A Datasheet(PDF) 3 Page - Littelfuse

Part # 59022-1-T-02-A
Description  59022 Firecracker Reed Sensor 57022 Actuator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

59022-1-T-02-A Datasheet(HTML) 3 Page - Littelfuse

  59022-1-T-02-A Datasheet HTML 1Page - Littelfuse 59022-1-T-02-A Datasheet HTML 2Page - Littelfuse 59022-1-T-02-A Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
littelfuse.com
© 2015 Littelfuse
Revised: 10/29/15
Specifications are subject to change without notice.
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity & Packaging Code
Taping Width
Bulk
Bulk
500
N/A
N/A
Part Numbering System
59022 - X - X - XX - X
Series
Switch Type
1, 3, or 4
Sensitivity
S, T, or U
Termination
A, F, or E
Cable Length
02
57022 - 000
Sensor:
Actuator:
Series
Standard Actuator
000
Reed Sensors
Firecracker > 59022
59022 Firecracker Reed Sensor + 57022 Actuator
Cable Length Specification
Cable Type: 24 AWG 7/32 PVC 105°C UL1430/UL1569
Select Option
Cable Length
mm (inch)
02
300 (11.81)
Termination Specification
Termination Options
Select
Option
Description
(Two-wire versions illustrated)
A
Tinned leads (6.4±0.76)mm
F
Untinned leads (6.4±0.76)mm
E
JST type XHP 2.5mm pitch
Note: The 57022 Actuator is sold separately.


Similar Part No. - 59022-1-T-02-A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
59020 LITTELFUSE-59020 Datasheet
422Kb / 3P
   Reed Sensors
59020-1-S-02-A LITTELFUSE-59020-1-S-02-A Datasheet
422Kb / 3P
   Reed Sensors
59020-1-S-02-E LITTELFUSE-59020-1-S-02-E Datasheet
422Kb / 3P
   Reed Sensors
59020-1-S-02-F LITTELFUSE-59020-1-S-02-F Datasheet
422Kb / 3P
   Reed Sensors
logo
HAMLIN Position and Mov...
59020-I-S-01-A HAMLIN-59020-I-S-01-A Datasheet
67Kb / 1P
   Mini Firecracker Features and Benefits
More results

Similar Description - 59022-1-T-02-A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
59030 LITTELFUSE-59030 Datasheet
495Kb / 3P
   59030 Miniature Firecracker Reed Sensor 57030 Actuator
59040 LITTELFUSE-59040 Datasheet
513Kb / 3P
   Press-Fit Firecracker Reed Sensor
logo
HAMLIN Position and Mov...
59010-I-S-01-A HAMLIN-59010-I-S-01-A Datasheet
42Kb / 1P
   Sub-Miniature Firecracker
logo
Meder Electronic
MK0201B901000W MEDER-MK0201B901000W Datasheet
206Kb / 2P
   Reed sensor
MK0211A661700W MEDER-MK0211A661700W Datasheet
189Kb / 2P
   Reed sensor
MK0211B904000W MEDER-MK0211B904000W Datasheet
194Kb / 2P
   Reed sensor
MK0211C90500W MEDER-MK0211C90500W Datasheet
187Kb / 2P
   Reed sensor
MK0221B901000W MEDER-MK0221B901000W Datasheet
190Kb / 2P
   Reed sensor
9231350044 MEDER-9231350044 Datasheet
108Kb / 2P
   Reed sensor
9203110014 MEDER-9203110014 Datasheet
212Kb / 2P
   Reed sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com