Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EOT16U3P3-1S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EOT16U3P3-1S
Description  enclosed switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EOT16U3P3-1S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EOT16U3P3-1S Datasheet HTML 1Page - List of Unclassifed Manufacturers EOT16U3P3-1S Datasheet HTML 2Page - List of Unclassifed Manufacturers EOT16U3P3-1S Datasheet HTML 3Page - List of Unclassifed Manufacturers EOT16U3P3-1S Datasheet HTML 4Page - List of Unclassifed Manufacturers EOT16U3P3-1S Datasheet HTML 5Page - List of Unclassifed Manufacturers EOT16U3P3-1S Datasheet HTML 6Page - List of Unclassifed Manufacturers EOT16U3P3-1S Datasheet HTML 7Page - List of Unclassifed Manufacturers EOT16U3P3-1S Datasheet HTML 8Page - List of Unclassifed Manufacturers EOT16U3P3-1S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2 | Enclosed switches - eOT
The next generation of enclosed switches
General information
The eOT series of enclosed manual motor controllers are
rotary operated, 3 and 4 pole, 600V Hp rated switches,
housed in thermoplastic/polycarbonate, sheet steel or stainless
steel enclosures. They are suitable for wet and corrosive
environments.
Plastic enclosed disconnect switches,
from 16 up to 80 Amperes
– UL/NEMA 3R/12 and 4/4X versions
– 2 Handle color options, selector or pistol type
– Standard black handle
– Emergency red/yellow handle
– Available with and without 1 NO auxiliary contact installed
Sheet steel enclosed disconnect switches,
from 16 up to 100 Amperes
– UL/NEMA 1 and 3R/12 versions
– Black color handle, selector or pistol type
eOT products are properly installed on the load side of a branch
circuit protective device and are suitable for use as motor
disconnects as illustrated in Fig. 1.
Stainless steel enclosed disconnect switches,
from 16 up to 100 Amperes
– UL/NEMA 4/4X versions
– Metallic or black plastic pistol type handles
Disconnect means
M
Short Circuit protective device
Controller
Overload protections
Fig.1
Motor disconnect
(OSHA Lock Out/Tag Out)


Similar Description - EOT16U3P3-1S

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
BAF HONEYWELL-BAF Datasheet
2Mb / 11P
   High Capacity Enclosed Switches
May 2015
logo
Honeywell Accelerometer...
LZA1 HONEYWELL-ACC-LZA1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
logo
List of Unclassifed Man...
LZL1 ETC1-LZL1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
logo
Omron Electronics LLC
ZE-N-2G OMRON-ZE-N-2G Datasheet
1Mb / 11P
   General-purpose Enclosed Switches with High Breaking Capacity and High Durability
logo
Honeywell Solid State E...
8LS1 HONEYWELL-8LS1 Datasheet
60Kb / 1P
   SWITCH-ENCLOSED
BZE6-2RN HONEYWELL-BZE6-2RN Datasheet
39Kb / 1P
   SWITCH - ENCLOSED
logo
Omron Electronics LLC
SHL-Q2255 OMRON-SHL-Q2255 Datasheet
1Mb / 8P
   Enclosed Switch
logo
Honeywell Accelerometer...
LSD1A HONEYWELL-ACC-LSD1A Datasheet
729Kb / 10P
   SWITCH-ENCLOSED
logo
Honeywell Solid State E...
LSC2B HONEYWELL-LSC2B Datasheet
729Kb / 10P
   SWITCH - ENCLOSED
DTE6-2RN HONEYWELL-DTE6-2RN Datasheet
36Kb / 1P
   SWITCH-ENCLOSED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com