Selected language     English  ▼


J-TYPE Datasheet(PDF) 2 Page - Emcore Corporation

Part No. J-TYPE
Description  Externally-Modulated Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMCORE [Emcore Corporation]
Homepage  http://www.emcore.com
Logo 

   
 2 page
background image
DATASHEET | OCTOBER 2013
FIBER OPTICS
| REV 2013.10
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Optical Characteristics
Property
Units
6000-0JE1
Comments
Performance (note 1-9)
Performance for channel plans with SAT-IF
loading
Specified Link Length
L (km)
25
25
25
Channel Plan
NTSC 20+ 60-64
QAM
NTSC 80-Ch
PAL 60-Ch
With 36 QPSK carriers from
950 to 2800 MHz
Optical Output Power
Po (dBm)
8.5/8.5
8.5/8.5
8.5/8.5
Min. 10 dBm version avail.
See Chart
Noise Bandwidth
BW (MHz)
4
4
5
SBS Suppression
(dBm)
11 to 17
11 to 17
11 to 17
Min.
CATV Carrier to Noise Ratio
CNR (dB)
58.5
51.0
51.0
Min.
CATV Composite Second Order
CSO (dBc)
-67
-65
-65
Max. Port 1
CATV Composite Triple Beat
CTB (dBc)
-67
-65
-65
Max. @ +25
°C
CATV Composite Triple Beat
CTB (dBc)
-66
-64
-64
Max. @ 0
oC to 50oC
SAT-IF Carrier to Noise Ratio
CNR (dB)
27
27
27
Min.
SAT-IF Intermodulation Products
(dBc)
-35
-35
-35
Max. Port 1
SAT-IF Spurious Products
(dBc)
-38
-38
-38
Max.
Property
Units
6000-0JE1
Comments
Performance (note 1-9)
Performance for channel plans without SAT-IF
loading
Specified Link Length
L (km)
25
25
25
Channel Plan
NTSC 20+ 60-64
QAM
NTSC 80-Ch
PAL 60-Ch
Optical Output Power
Po (dBm)
8.5/8.5
8.5/8.5
8.5/8.5
Min. 10 dBm version avail.
See Chart
Noise Bandwidth
BW (MHz)
4
4
5
SBS Suppression
(dBm)
11 to 17
11 to 17
11 to 17
Min.
CATV Carrier to Noise Ratio
CNR (dB)
58.5
53.0
53.0
Min.
CATV Composite Second Order
CSO (dBc)
-67
-65
-65
Max. Port 1
CATV Composite Triple Beat
CTB (dBc)
-67
-65
-65
Max. @ +25
°C
CATV Composite Triple Beat
CTB (dBc)
-66
-64
-64
Max. @ 0
oC to 50oC
Notes:
1. Unless stated otherwise all specifications apply over full temperature range with no digital loading.
2. Unless stated otherwise specifications apply for nominal RF input level as defined below, after a 30 minute stabilization period.
3. Specifications separated by a slash are port1 / port 2.
4. Units are tested per the Test / Link Configuration Table
5. Noise figure for the EDFA = 4.5 ~ 5.5 dB
6. Corning SMF-28 single mode fiber
7. Receiver responsivity is 0.95 mA/mW, Equivalent noise current is 7 pA/(Hz)1/2
8. With 36 QPSK modulated SAT-IF signals between 950 … 2800 MHz. 27 MHz IF bandwidth
9. The lowest frequency of all channel plans shall be > 119.25 MHz. A 2 dB penalty of CNR may occur for channels from 80 to 112.25
MHz
Test/Link Configuration
Property
EDFA
Link
Received Power
2
J-Type
14 dBm
25 Km
0.0 dBm at the receiver
J-Type Medallion 6000 1550 nm
Externally-Modulated Transmitter




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl