Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH3775-SA-A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH3775-SA-A
Description  HIGH-VOLTAGE MEDIUM-SENSITIVITY HALL EFFECT LATCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3775-SA-A Datasheet(HTML) 4 Page - Diodes Incorporated

  AH3775-SA-A Datasheet HTML 1Page - Diodes Incorporated AH3775-SA-A Datasheet HTML 2Page - Diodes Incorporated AH3775-SA-A Datasheet HTML 3Page - Diodes Incorporated AH3775-SA-A Datasheet HTML 4Page - Diodes Incorporated AH3775-SA-A Datasheet HTML 5Page - Diodes Incorporated AH3775-SA-A Datasheet HTML 6Page - Diodes Incorporated AH3775-SA-A Datasheet HTML 7Page - Diodes Incorporated AH3775-SA-A Datasheet HTML 8Page - Diodes Incorporated AH3775-SA-A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AH3775
Document number: DS37900 Rev. 1 - 2
4 of 14
www.diodes.com
September 2015
© Diodes Incorporated
AH3775
Magnetic Characteristics (Notes 11 &12) (TA = -40°C to +125°C, VDD = 3.0V to 28V, unless otherwise specified)
(1mT=10 Gauss)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BOP (South pole to part marking side for
SOT23 and SIP-3 packages;
South pole to the non-part marking side
for SC59 package. See diagram below)
Operation Point
VDD = 12V, TA = +25°C
-
70
-
Gauss
TA = -40°C to +125°C
50
70
90
BRP (North pole to part marking side for
SOT23 and SIP-3 packages;
North pole to the non-part marking side
for SC59 package. See diagram below)
Release Point
VDD = 12V, TA = +25°C
-
-70
-
TA = -40°C to +125°C
-90
-70
-50
BHY (|BOPX|-|BRPX|)
Hysteresis (Note 13)
VDD = 12V, TA = +25°C
-
140
-
TA = -40°C to +125°C
100
140
180
Notes:
11. When power is initially turned on, VDD must be within its correct operating range (3.0V to 28V) to guarantee the output sampling. The output state is
valid after the start-up time of 10µs typical from the operating voltage reaching 3V.
12. Typical values are defined at TA = +25°C, VDD = 12V. Maximum and minimum values over the operating temperature range is not tested in production
but guaranteed by design, process control and characterization
13. Maximum and minimum hysteresis is guaranteed by design, process control and characterization.
VDD
Brp
Bop
0
( Magnetic Flux Density B )
Output
Turn off
Turn on
(off-state)
VOUT_ON = VOUT(SAT)
Bhy
(on-state)
Part mark
N
S
(SOT23)
Part mark
S
(SIP-3)
N
Part mark
N
S
(SC59)


Similar Part No. - AH3775-SA-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3772 DIODES-AH3772 Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772 DIODES-AH3772 Datasheet
481Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772-P-A DIODES-AH3772-P-A Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772-P-A DIODES-AH3772-P-A Datasheet
481Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772-P-B DIODES-AH3772-P-B Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
More results

Similar Description - AH3775-SA-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3766Q DIODES-AH3766Q Datasheet
517Kb / 13P
   HIGH-VOLTAGE, MEDIUM-SENSITIVITY AUTOMOTIVE HALL- EFFECT LATCH
AH3765Q DIODES-AH3765Q Datasheet
538Kb / 15P
   HIGH-VOLTAGE, MEDIUM-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
AH3772 DIODES-AH3772_18 Datasheet
481Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3776 DIODES-AH3776 Datasheet
492Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772 DIODES-AH3772 Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3712 DIODES-AH3712 Datasheet
1Mb / 16P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
January 2023 Rev. 2 - 2
AH3774 DIODES-AH3774 Datasheet
502Kb / 14P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH
AH3761 DIODES-AH3761_09 Datasheet
158Kb / 9P
   HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 Rev. 1
AH3762Q DIODES-AH3762Q_18 Datasheet
541Kb / 15P
   HIGH-VOLTAGE, HIGH-SENSITIVITY AUTOMOTIVE HALL EFFECT LATCH
AH3712Q DIODES-AH3712Q Datasheet
1Mb / 19P
   AUTOMOTIVE HIGH-VOLTAGE, HIGH-SENSITIVITY HALL-EFFECT LATCH
March 2023 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com