Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH3775-W-A Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AH3775-W-A
Description  HIGH-VOLTAGE MEDIUM-SENSITIVITY HALL EFFECT LATCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3775-W-A Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AH3775-W-A Datasheet HTML 2Page - Diodes Incorporated AH3775-W-A Datasheet HTML 3Page - Diodes Incorporated AH3775-W-A Datasheet HTML 4Page - Diodes Incorporated AH3775-W-A Datasheet HTML 5Page - Diodes Incorporated AH3775-W-A Datasheet HTML 6Page - Diodes Incorporated AH3775-W-A Datasheet HTML 7Page - Diodes Incorporated AH3775-W-A Datasheet HTML 8Page - Diodes Incorporated AH3775-W-A Datasheet HTML 9Page - Diodes Incorporated AH3775-W-A Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AH3775
Document number: DS37900 Rev. 1 - 2
6 of 14
www.diodes.com
September 2015
© Diodes Incorporated
AH3775
Typical Operating Characteristics
Output Switch On Voltage
Output Switch Leakage Current
Supply Reverse Current
0.0
0.1
0.2
0.3
0.4
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Supply Voltage (V)
Output On Voltage vs Supply Voltage
TA = +25 C
0.0
0.1
0.2
0.3
0.4
-50 -40 -30 -20 -10
0
10
20
30
40
50
60
70 80
90 100 110 120 130
Temperature (
oC)
Output On Voltage vs Temperature
3V
12V
28V
0.0
5.0
10.0
15.0
20.0
25.0
30.0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Supply Voltage (V)
Output Leakage Current vs Supply Voltage
TA = +25 C
0
25
50
75
100
125
150
175
200
225
250
275
300
-50
-25
0
25
50
75
100
125
150
Temperature (
oC)
Output Leakage Current vs Temperature
3V
12V
28V
0.0
0.3
0.5
0.8
1.0
1.3
1.5
1.8
2.0
2.3
2.5
2.8
3.0
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
Supply Voltage (V)
Supply Reverse Current vs Supply Voltage
TA = +25 C
0
125
250
375
500
625
750
-50
-25
0
25
50
75
100
125
150
Temperature (
oC)
Supply Reverse Current vs Temperature
-18V
-24V
-28V


Similar Part No. - AH3775-W-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3772 DIODES-AH3772 Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772 DIODES-AH3772 Datasheet
481Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772-P-A DIODES-AH3772-P-A Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772-P-A DIODES-AH3772-P-A Datasheet
481Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772-P-B DIODES-AH3772-P-B Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
More results

Similar Description - AH3775-W-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3766Q DIODES-AH3766Q Datasheet
517Kb / 13P
   HIGH-VOLTAGE, MEDIUM-SENSITIVITY AUTOMOTIVE HALL- EFFECT LATCH
AH3765Q DIODES-AH3765Q Datasheet
538Kb / 15P
   HIGH-VOLTAGE, MEDIUM-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
AH3772 DIODES-AH3772_18 Datasheet
481Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3776 DIODES-AH3776 Datasheet
492Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772 DIODES-AH3772 Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3712 DIODES-AH3712 Datasheet
1Mb / 16P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
January 2023 Rev. 2 - 2
AH3774 DIODES-AH3774 Datasheet
502Kb / 14P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH
AH3761 DIODES-AH3761_09 Datasheet
158Kb / 9P
   HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 Rev. 1
AH3762Q DIODES-AH3762Q_18 Datasheet
541Kb / 15P
   HIGH-VOLTAGE, HIGH-SENSITIVITY AUTOMOTIVE HALL EFFECT LATCH
AH3712Q DIODES-AH3712Q Datasheet
1Mb / 19P
   AUTOMOTIVE HIGH-VOLTAGE, HIGH-SENSITIVITY HALL-EFFECT LATCH
March 2023 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com