Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EOT32U3P4-1P Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # EOT32U3P4-1P
Description  enclosed switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EOT32U3P4-1P Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button EOT32U3P4-1P Datasheet HTML 6Page - List of Unclassifed Manufacturers EOT32U3P4-1P Datasheet HTML 7Page - List of Unclassifed Manufacturers EOT32U3P4-1P Datasheet HTML 8Page - List of Unclassifed Manufacturers EOT32U3P4-1P Datasheet HTML 9Page - List of Unclassifed Manufacturers EOT32U3P4-1P Datasheet HTML 10Page - List of Unclassifed Manufacturers EOT32U3P4-1P Datasheet HTML 11Page - List of Unclassifed Manufacturers EOT32U3P4-1P Datasheet HTML 12Page - List of Unclassifed Manufacturers EOT32U3P4-1P Datasheet HTML 13Page - List of Unclassifed Manufacturers EOT32U3P4-1P Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10 | Enclosed switches - eOT
Ordering information
Replacement handles
Handles
Selector type handles
NEMA 1, 3R, 12, (IP65) handles, padlockable with maximum 3 padlocks with bail diameter
0.20…0.32" (5...8 mm), door interlock in ON-position, defeatable. Indication I-O and ON-OFF.
Weight/
Catalog
number
unit
Color
[kg]
For shaft diameter 0.24 x 0.24" (6 mm).
Black
OHBS2AJ
0.07
Yellow-red
OHYS2AJ
0.07
Pistol type handles, plastic
NEMA 1, 3R, 12, 4, 4X (IP 65) handles, padlockable with maximum 3 padlocks with bail
diameter 0.20…0.39" (5…10 mm) in OFF-position, door interlock in ON-position. Screw fixing
from the back side of the handle. No screws on the front ensures double insulation. Indication
I-O, ON-OFF.
Handle
Weight/
length
Catalog
number
unit
Color
[in/mm]
[kg]
Black
2.6/65
OHB65L6
0.12
Red-yellow
2.6/65
OHY65L6
0.12
Pistol type handles, stainless steel
NEMA 1, 3R, 12, 4, 4X (IP 65) handles, padlockable with maximum 3 padlocks with bail
diameter 0.20…0.39" (5…10 mm) in the OFF-position, door interlock in the ON-position.
Indication I-O, ON-OFF.
Handle
Weight/
length
Catalog
number
unit
Item
[in/mm]
[kg]
For shaft diamter 6mm, 316L stainless steel
2.6/65
OHM65L6
0.73
OHB65J6
OH_S2AJ
OHY65J6
OHM65L6


Similar Description - EOT32U3P4-1P

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
BAF HONEYWELL-BAF Datasheet
2Mb / 11P
   High Capacity Enclosed Switches
May 2015
logo
Honeywell Accelerometer...
LZA1 HONEYWELL-ACC-LZA1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
logo
List of Unclassifed Man...
LZL1 ETC1-LZL1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
logo
Omron Electronics LLC
ZE-N-2G OMRON-ZE-N-2G Datasheet
1Mb / 11P
   General-purpose Enclosed Switches with High Breaking Capacity and High Durability
logo
Honeywell Solid State E...
8LS1 HONEYWELL-8LS1 Datasheet
60Kb / 1P
   SWITCH-ENCLOSED
BZE6-2RN HONEYWELL-BZE6-2RN Datasheet
39Kb / 1P
   SWITCH - ENCLOSED
logo
Omron Electronics LLC
SHL-Q2255 OMRON-SHL-Q2255 Datasheet
1Mb / 8P
   Enclosed Switch
logo
Honeywell Accelerometer...
LSD1A HONEYWELL-ACC-LSD1A Datasheet
729Kb / 10P
   SWITCH-ENCLOSED
logo
Honeywell Solid State E...
LSC2B HONEYWELL-LSC2B Datasheet
729Kb / 10P
   SWITCH - ENCLOSED
DTE6-2RN HONEYWELL-DTE6-2RN Datasheet
36Kb / 1P
   SWITCH-ENCLOSED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com