Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH3777-SA-B Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AH3777-SA-B
Description  HIGH-VOLTGAE LOW-SENSITIVITY HALL EFFECT LATCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3777-SA-B Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AH3777-SA-B Datasheet HTML 5Page - Diodes Incorporated AH3777-SA-B Datasheet HTML 6Page - Diodes Incorporated AH3777-SA-B Datasheet HTML 7Page - Diodes Incorporated AH3777-SA-B Datasheet HTML 8Page - Diodes Incorporated AH3777-SA-B Datasheet HTML 9Page - Diodes Incorporated AH3777-SA-B Datasheet HTML 10Page - Diodes Incorporated AH3777-SA-B Datasheet HTML 11Page - Diodes Incorporated AH3777-SA-B Datasheet HTML 12Page - Diodes Incorporated AH3777-SA-B Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AH3777
Document number: DS37902 Rev. 1 - 2
11 of 13
www.diodes.com
September 2015
© Diodes Incorporated
AH3777
Package Outline Dimensions (cont.) (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
(3)
Package Type: SIP-3 Ammo Pack
PART
MARKING
SURFACE
0.63/0.84
0.27/0.48
Hall Sensor
1.90/2.10
1.05/1.25
1
2
3
PART
MARKING
SURFACE
Min/Max
Sensor Location
SIP-3 (Ammo Pack)
Dim
Min
Max
A
3.9
4.3
a1
45° Typ
a2
3° Typ
B
2.8
3.2
C
1.40
1.60
D
0.35
0.41
E
0.43
0.48
F
0
0.2
G
2.4
2.9
N
0.63
0.84
P
1.55
-
All Dimensions in mm
G
A
B
P
E F
D
a2
a1
N
C


Similar Part No. - AH3777-SA-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3772 DIODES-AH3772 Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772 DIODES-AH3772 Datasheet
481Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772-P-A DIODES-AH3772-P-A Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772-P-A DIODES-AH3772-P-A Datasheet
481Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772-P-B DIODES-AH3772-P-B Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
More results

Similar Description - AH3777-SA-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3767Q DIODES-AH3767Q Datasheet
531Kb / 13P
   HIGH-VOLTGAE, LOW-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
AH3391Q DIODES-AH3391Q Datasheet
840Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3368Q DIODES-AH3368Q Datasheet
846Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3369Q DIODES-AH3369Q Datasheet
843Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3390Q DIODES-AH3390Q Datasheet
864Kb / 15P
   HIGH VOLTGAE ULTRA LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3367Q DIODES-AH3367Q Datasheet
884Kb / 15P
   HIGH VOLTGAE ULTRA LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3761 DIODES-AH3761_09 Datasheet
158Kb / 9P
   HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 Rev. 1
AH3365Q DIODES-AH3365Q Datasheet
840Kb / 14P
   HIGH VOLTGAE MEDIUM SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3366Q DIODES-AH3366Q Datasheet
890Kb / 15P
   HIGH VOLTGAE MEDIUM SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
logo
BCD Semiconductor Manuf...
AH920Z3-G1 BCDSEMI-AH920Z3-G1 Datasheet
444Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com