Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH3782-P-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH3782-P-7
Description  HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3782-P-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH3782-P-7 Datasheet HTML 1Page - Diodes Incorporated AH3782-P-7 Datasheet HTML 2Page - Diodes Incorporated AH3782-P-7 Datasheet HTML 3Page - Diodes Incorporated AH3782-P-7 Datasheet HTML 4Page - Diodes Incorporated AH3782-P-7 Datasheet HTML 5Page - Diodes Incorporated AH3782-P-7 Datasheet HTML 6Page - Diodes Incorporated AH3782-P-7 Datasheet HTML 7Page - Diodes Incorporated AH3782-P-7 Datasheet HTML 8Page - Diodes Incorporated AH3782-P-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AH3782
Document number: DS38083 Rev. 1 - 2
1 of 14
www.diodes.com
September 2015
© Diodes Incorporated
AH3782
HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
WITH INTERNAL PULL-UP RESISTOR
Description
The AH3782 is a high-voltage, high-sensitivity Hall Effect latch IC
with internal pull-up resistor designed for commutation of brushless
DC motors, flow meters, linear encoders and position sensors in
industrial and consumer home appliances and personal care
applications. To support a wide range of demanding applications, the
design has been optimized to operate over the supply range of 3.0V
to 28V. With chopper stabilized architecture and an internal bandgap
regulator to provide temperature compensated supply for internal
circuits, the AH3782 provides a reliable solution over the whole
operating range. For robustness and protection, the device has a
Zener clamp on the supply. The output has an overcurrent limit and a
Zener clamp.
The internally pulled-up output can be switched on with South pole of
sufficient strength and switched off with North pole of sufficient
strength. When the magnetic flux density (B) perpendicular to the part
marking surface is larger than the operate point (BOP) the output is
switched on (pulled low). The output is held latched until magnetic flux
density reverses and becomes lower than the release point (BRP).
The magnetic operating and release polarity is opposite for SOT23
and SC59 packages. SOT23 and SIP-3 packages will require South
pole to the part marking side to operate while SC59 will require North
pole to the part marking side.
Features
Bipolar Latch Operation (South Pole: On, North Pole: off)
3.0V to 28V Operating Voltage Range
High Sensitivity: BOP and BRP of +40G and -40G Typical
Internally Pull-up Resistor on the Output Pin
Output Overcurrent Limit
Chopper Stabilized Design Provides
-
Superior Temperature Stability
-
Minimal Switch Point Drift
-
Enhanced Immunity to Stress
Good RF Noise Immunity
Zener Clamp on Supply and Output Pins
-40°C to +125°C Operating Temperature
ESD (HBM): 6kV
Industry Standard SC59, SOT23 and SIP-3 Packages
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
1 VDD
GND 2
3 OUTPUT
SC59 and SOT23
(Top View)
1. VDD
2. GND
3. OUTPUT
SIP-3
Applications
Brushless DC Motor Commutation
Revolution Per Minute (RPM) Measurement
Flow Meters
Angular and Linear Encoder and Position Sensors
Contact-less Commutation, Speed Measurement and Angular
Position Sensing/Indexing in Consumer Home Appliances, Office
Equipments and Industrial Applications
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AH3782-P-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3781-P-A DIODES-AH3781-P-A Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3781-P-B DIODES-AH3781-P-B Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3781-SA-7 DIODES-AH3781-SA-7 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
More results

Similar Description - AH3782-P-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3382 DIODES-AH3382 Datasheet
763Kb / 14P
   HIGH VOLTAGE ULTRA HIGH SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH173 DIODES-AH173_10 Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
logo
Anachip Corp
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373 ANACHIP-AH373_1 Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH372 DIODES-AH372 Datasheet
528Kb / 12P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
logo
Prolific Technology Inc...
PT3602 PROLIFIC-PT3602 Datasheet
216Kb / 1P
   Internal Pull-High High Sensitivity Latch Hall Sensor
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com