Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH3782-P-A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH3782-P-A
Description  HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3782-P-A Datasheet(HTML) 4 Page - Diodes Incorporated

  AH3782-P-A Datasheet HTML 1Page - Diodes Incorporated AH3782-P-A Datasheet HTML 2Page - Diodes Incorporated AH3782-P-A Datasheet HTML 3Page - Diodes Incorporated AH3782-P-A Datasheet HTML 4Page - Diodes Incorporated AH3782-P-A Datasheet HTML 5Page - Diodes Incorporated AH3782-P-A Datasheet HTML 6Page - Diodes Incorporated AH3782-P-A Datasheet HTML 7Page - Diodes Incorporated AH3782-P-A Datasheet HTML 8Page - Diodes Incorporated AH3782-P-A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AH3782
Document number: DS38083 Rev. 1 - 2
4 of 14
www.diodes.com
September 2015
© Diodes Incorporated
AH3782
Magnetic Characteristics (Notes 11 &12) (TA = -40°C to +125°C, VDD = 3.0V to 28V, unless otherwise specified)
(1mT=10 Gauss)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BOP (South pole to part marking side for
SOT23 and SIP-3 packages;
South pole to the non-part marking side
for SC59 package. See diagram below)
Operation Point
VDD = 12V, TA = +25°C
-
40
-
Gauss
TA = -40°C to +125°C
20
40
60
BRP (North pole to part marking side for
SOT23 and SIP-3 packages;
North pole to the non-part marking side
for SC59 package. See diagram below)
Release Point
VDD = 12V, TA = +25°C
-
-40
-
TA = -40°C to +125°C
-60
-40
-20
BHY (|BOPX|-|BRPX|)
Hysteresis (Note 13)
VDD = 12V, TA = +25°C
--
80
-
TA = -40°C to +125°C
40
80
120
Notes:
11. When power is initially turned on, VDD must be within its correct operating range (3.0V to 28V) to guarantee the output sampling. The output state is
valid after the start-up time of 10µs typical from the operating voltage reaching 3V.
12. Typical values are defined at TA = +25°C, VDD = 12V. Maximum and minimum values over the operating temperature range is not tested in production
but guaranteed by design, process control and characterization.
13. Maximum and minimum hysteresis is guaranteed by design, process control and characterization.
VDD
Brp
Bop
0
( Magnetic Flux Density B )
Output
Turn off
Turn on
(off-state)
VOUT_ON = VSAT
Bhy
(on-state)
Part mark
N
S
(SOT23)
Part mark
S
(SIP-3)
N
Part mark
N
S
(SC59)


Similar Part No. - AH3782-P-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3781-P-A DIODES-AH3781-P-A Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3781-P-B DIODES-AH3781-P-B Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3781-SA-7 DIODES-AH3781-SA-7 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
More results

Similar Description - AH3782-P-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3382 DIODES-AH3382 Datasheet
763Kb / 14P
   HIGH VOLTAGE ULTRA HIGH SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH173 DIODES-AH173_10 Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
logo
Anachip Corp
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373 ANACHIP-AH373_1 Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH372 DIODES-AH372 Datasheet
528Kb / 12P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
logo
Prolific Technology Inc...
PT3602 PROLIFIC-PT3602 Datasheet
216Kb / 1P
   Internal Pull-High High Sensitivity Latch Hall Sensor
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com