Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH9247 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AH9247
Description  High Sensitivity Micropower Omnipolar Hall-Effect Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH9247 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AH9247 Datasheet HTML 3Page - Diodes Incorporated AH9247 Datasheet HTML 4Page - Diodes Incorporated AH9247 Datasheet HTML 5Page - Diodes Incorporated AH9247 Datasheet HTML 6Page - Diodes Incorporated AH9247 Datasheet HTML 7Page - Diodes Incorporated AH9247 Datasheet HTML 8Page - Diodes Incorporated AH9247 Datasheet HTML 9Page - Diodes Incorporated AH9247 Datasheet HTML 10Page - Diodes Incorporated AH9247 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH9247
Mar. 2013
Rev. 2. 0
BCD Semiconductor Manufacturing Limited
7
Test Conditions
A
AH9247
OUTPUT
GND
ICC
VCC
Figure 5. Average Supply Current (Note 5, Note 6)
Note 5: ICC represents the average supply current. OUTPUT is open during measurement.
Note 6: The device is put under magnetic field with B<BRP.
AH9247
OUTPUT
GND
VSAT
VCC
V
1mA
Figure 6. Output Saturation Voltage (Note 7, Note 8)
Note 7: The output saturation voltage VSAT is measured at VCC=2.5V and VCC=5.5V
Note 8: The device is put under magnetic field with B>BOP


Similar Part No. - AH9247

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9246 DIODES-AH9246 Datasheet
651Kb / 10P
   ULTRA HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH9246-P-B DIODES-AH9246-P-B Datasheet
651Kb / 10P
   ULTRA HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH9246-W-7 DIODES-AH9246-W-7 Datasheet
651Kb / 10P
   ULTRA HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH9248 BCDSEMI-AH9248 Datasheet
374Kb / 15P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
More results

Similar Description - AH9247

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9249 DIODES-AH9249 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH1806 DIODES-AH1806_18 Datasheet
564Kb / 12P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1812 DIODES-AH1812_15 Datasheet
482Kb / 8P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Nanjing Ouzhuo Technolo...
OH9248 OHHALLSENSOR-OH9248 Datasheet
227Kb / 5P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
BCD Semiconductor Manuf...
AH9249 BCDSEMI-AH9249_11 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH1808 DIODES-AH1808 Datasheet
372Kb / 9P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
Nanjing Ouzhuo Technolo...
OH9249 OHHALLSENSOR-OH9249 Datasheet
194Kb / 4P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH9250 DIODES-AH9250 Datasheet
450Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1893 DIODES-AH1893 Datasheet
326Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com