Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7CX-A11SD1-N Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # H7CX-A11SD1-N
Description  Multifunction Counter/Tachometer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-A11SD1-N Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button H7CX-A11SD1-N Datasheet HTML 3Page - Omron Electronics LLC H7CX-A11SD1-N Datasheet HTML 4Page - Omron Electronics LLC H7CX-A11SD1-N Datasheet HTML 5Page - Omron Electronics LLC H7CX-A11SD1-N Datasheet HTML 6Page - Omron Electronics LLC H7CX-A11SD1-N Datasheet HTML 7Page - Omron Electronics LLC H7CX-A11SD1-N Datasheet HTML 8Page - Omron Electronics LLC H7CX-A11SD1-N Datasheet HTML 9Page - Omron Electronics LLC H7CX-A11SD1-N Datasheet HTML 10Page - Omron Electronics LLC H7CX-A11SD1-N Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
H7CX-A
@-N
7
I/O Functions
Using as a Counter*1
*1. For information on operation of I/O functions, refer to pages page 22 to page 25.
*2. In increment mode or increment/decrement mode, the present value returns to 0; in decrement mode, the present value returns to the set value with 1-stage models,
and returns to set value 2 with 2-stage models.
*3. Reset operates as described in the following table. (The reset indicator will not be lit.)
• The following table shows the delay from when the reset signal is input until the output is turned OFF. (Reference values)
Operating Procedures (Tachometer Function)
Inputs
CP1, CP2
(1) In general (except for Dual Counter Mode)
• Reads counting signals.
• Increment, decrement, command, individual, and quadrature inputs accepted.
(2) When used as a dual counter or twin counter
• Reads CP1 count signals with CP1 input and CP2 count signals with CP2 input.
• Increment signals can be input.
Reset/reset 1
(1) In general (except for Dual Counter Mode)
• Resets present value and outputs (OUT2 when using the batch counter)*2.
• Counting cannot be performed during reset/reset 1 input.
• Reset indicator is lit while reset input is ON.
(2) When used as a dual counter or twin counter.
• Resets the CP1 present value (to 0).
• Counting for CP1 input cannot be performed while the reset 1 input is ON.
• The reset indicator is lit while the reset 1 input is ON.
Total reset or reset 2
The reset function depends on the selected configuration*3.
Outputs
OUT1, OUT2
Outputs signals according to the specified output mode when a set value is reached.
Configuration
Reset operation
1-stage/2-stage
preset counter
Does not operate (not used).
Total and preset
counter
• Resets the total count value.
• The total count value is held at 0 while the total reset input is ON.
Batch counter
• Resets the batch count value and batch output (OUT1).
• The batch count value is held at 0 while the reset 2 input is ON.
Dual counter
• Resets the CP2 present value.
• Counting for CP2 input cannot be performed while the reset 2 input is ON.
Twin counter
• Resets the CP2 present value.
Minimum reset signal width
Output delay time
1 ms
0.8 to 1.2 ms
20 ms
15 to 25 ms
Inputs
CP1, CP2
Reads counting signals. (The CP2 input can be used when the input mode is not 1-input mode.)
Reset/reset 1
• Holds the measurement value and outputs. (The reset 2 input can be used when the input mode
is 2-input independent measurement.)
• The reset indicator is lit when the value is being held.
Outputs
OUT1, OUT2
Outputs signals according to the specified output mode when a set value is reached.


Similar Part No. - H7CX-A11SD1-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7CX-A11SD1 OMRON-H7CX-A11SD1 Datasheet
2Mb / 43P
   Multifunction Preset Counter
H7CX-A11SD1G OMRON-H7CX-A11SD1G Datasheet
2Mb / 43P
   Multifunction Preset Counter
More results

Similar Description - H7CX-A11SD1-N

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KCT-6ST-C PF-KCT-6ST-C Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KC-LCDC-48-6T-230VAC PF-KC-LCDC-48-6T-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
logo
Omron Electronics LLC
H7CC OMRON-H7CC Datasheet
15Mb / 66P
   Digital Counter/Tachometer
logo
Pepperl+Fuchs Inc.
KC-LCDL-48-2R-24VDC PF-KC-LCDL-48-2R-24VDC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KC-LCDC-48-2R-230VAC PF-KC-LCDC-48-2R-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KCT-6S-C PF-KCT-6S-C Datasheet
1Mb / 2P
   Timer, Counter, Tachometer
KC-LCDC-48-2T-230VAC PF-KC-LCDC-48-2T-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
TC-LCDC-8A-24VDC PF-TC-LCDC-8A-24VDC Datasheet
705Kb / 3P
   Counter/Timer/Tachometer
KC-LCDC-48-6T-24VDC PF-KC-LCDC-48-6T-24VDC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KCT2-6ST-V PF-KCT2-6ST-V Datasheet
151Kb / 3P
   Counter/Timer/Tachometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com