Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH9251-W-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH9251-W-7
Description  MEDIUM SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH9251-W-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH9251-W-7 Datasheet HTML 1Page - Diodes Incorporated AH9251-W-7 Datasheet HTML 2Page - Diodes Incorporated AH9251-W-7 Datasheet HTML 3Page - Diodes Incorporated AH9251-W-7 Datasheet HTML 4Page - Diodes Incorporated AH9251-W-7 Datasheet HTML 5Page - Diodes Incorporated AH9251-W-7 Datasheet HTML 6Page - Diodes Incorporated AH9251-W-7 Datasheet HTML 7Page - Diodes Incorporated AH9251-W-7 Datasheet HTML 8Page - Diodes Incorporated AH9251-W-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AH9251
Document number: DS38218 Rev.1 - 2
2 of 10
www.diodes.com
September 2015
© Diodes Incorporated
AH9251
Typical Applications Circuit
OUTPUT
AH9251
VDD
GND
1
2
3
100pF
10nF
2.5V to 5.5V
Pin Descriptions
Pin Number
Pin Name
Function
TO92S
SC59
1
1
VDD
Power supply pin
2
3
GND
Ground pin
3
2
OUTPUT
Output pin
Functional Block Diagram
Sleep/Awake
Control
Timing
Logic
Bias
Hall
Plate
+
-
100k
VDD
OUTPUT
GND
1(1)
3(2)
2(3)
Chopper
Comparator
A (B)
A for TO92S
B for SC59


Similar Part No. - AH9251-W-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9250 DIODES-AH9250 Datasheet
450Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH9250-P-B DIODES-AH9250-P-B Datasheet
450Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH9250-W-7 DIODES-AH9250-W-7 Datasheet
450Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
More results

Similar Description - AH9251-W-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9249 DIODES-AH9249 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH1806 DIODES-AH1806_18 Datasheet
564Kb / 12P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1812 DIODES-AH1812_15 Datasheet
482Kb / 8P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Nanjing Ouzhuo Technolo...
OH9248 OHHALLSENSOR-OH9248 Datasheet
227Kb / 5P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
BCD Semiconductor Manuf...
AH9249 BCDSEMI-AH9249_11 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH1808 DIODES-AH1808 Datasheet
372Kb / 9P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
Nanjing Ouzhuo Technolo...
OH9249 OHHALLSENSOR-OH9249 Datasheet
194Kb / 4P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH9250 DIODES-AH9250 Datasheet
450Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1815 DIODES-AH1815 Datasheet
560Kb / 13P
   LOW SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com