Electronic Components Datasheet Search |
|
H7CX-A4D-N Datasheet(PDF) 9 Page - Omron Electronics LLC |
|
H7CX-A4D-N Datasheet(HTML) 9 Page - Omron Electronics LLC |
9 / 56 page H7CX-A @-N 9 Block Diagram Note: All models except for H7CX- @D-N have basic insulation. Input Circuits CP1, CP2, Reset/Reset 1, and Total Reset/Reset 2 Input Input Connections The inputs of the H7CX- @-N are no-voltage (short-circuit or open) inputs or voltage inputs. No-voltage Inputs (NPN Inputs) No-voltage Input Signal Levels Note: The DC voltage must be 30 VDC max. Voltage Inputs (PNP Inputs) Voltage Input Signal Levels Note: 1. The DC voltage must be 30 VDC max. 2. Input resistance: Approx. 4.7 k Ω Output circuit (See note.) Display circuit Input circuits (Basic insulation) (Basic insulation) Internal control circuit Power supply circuit Key switch circuit No-voltage Inputs (NPN Inputs) Voltage Inputs (PNP Inputs) Internal circuit IN +14V 1 k Ω IN Approx. 4.7 k Ω Internal circuit Open Collector Voltage Output Contact Input DC Two-wire Sensor H7CX-A @ H7CX-A11 @ Note: Operates with transistor ON. PLC or sensor 6789 10 37564 H7CX-A @ H7CX-A11 @ Note: Operates with transistor ON. Sensor 6789 10 37564 Note: Operates with relay ON. H7CX-A @ H7CX-A11 @ 6789 10 37564 Note: Operates with transistor ON. H7CX-A @ H7CX-A11 @ 6789 10 37564 No-contact input Short-circuit level (transistor ON) • Residual voltage: 3 V max. • Impedance when ON: 1 k Ω max. (The leakage current is approx. 12 mA when the impedance is 0 Ω.) Open level (transistor OFF) • Impedance when OFF: 100 k Ω min. Contact input Use contacts which can adequately switch 5 mA at 10 V. Applicable Two-wire Sensor • Leakage current: 1.5 mA max. • Switching capacity: 5 mA min. • Residual voltage: 3 VDC max. • Operating voltage: 10 VDC No-contact Input (NPN Transistor) No-contact Input (PNP Transistor) Contact Input Note: Operates with transistor OFF. H7CX-A @ H7CX-A11 @ Sensor 6789 10 37564 Note: Operates with transistor ON. H7CX-A @ H7CX-A11 @ Sensor 6789 10 37564 Note: Operates with relay ON. H7CX-A @ H7CX-A11 @ 6789 10 37564 High level (input ON): 4.5 to 30 VDC Low level (input OFF): 0 to 2 VDC |
Similar Part No. - H7CX-A4D-N |
|
Similar Description - H7CX-A4D-N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |