Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2227P Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2227P
Description  High Precision, Low Noise Operational Amplifiers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2227P Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2227P Datasheet HTML 7Page - Texas Instruments OPA2227P Datasheet HTML 8Page - Texas Instruments OPA2227P Datasheet HTML 9Page - Texas Instruments OPA2227P Datasheet HTML 10Page - Texas Instruments OPA2227P Datasheet HTML 11Page - Texas Instruments OPA2227P Datasheet HTML 12Page - Texas Instruments OPA2227P Datasheet HTML 13Page - Texas Instruments OPA2227P Datasheet HTML 14Page - Texas Instruments OPA2227P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Offset Voltage Drift ( V)/°C
12
8
4
0
Typical distribution
of packaged units.
0
0.5
1.0
1.5
10
8
6
4
2
0
–2
–4
–6
–8
–10
0
100
150
300
Time from Power Supply Turn-On (s)
50
200
250
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage ( V)
17.5
15.0
12.5
10.0
5.5
5.0
2.5
0
Typical distribution
of packaged units.
Noise (nV/√Hz)
3.16
0
3.25 3.34 3.43 3.51 3.60 3.69 3.78
24
16
8
0
10
100
1k
10k
100k
1M
140
120
100
80
60
40
Frequency (Hz)
Dual and quad devices. G = 1, all channels.
Quad measured Channel A to D, or B to C;
other combinations yield similiar or improved
rejection.
1s/div
OPA227, OPA2227, OPA4227
OPA228, OPA2228, OPA4228
www.ti.com
SBOS110B – MAY 1998 – REVISED JUNE 2015
Typical Characteristics (continued)
At TA = 25°C, RL = 10 kΩ, and VS = ±15 V, unless otherwise noted.
Figure 8. Channel Separation vs Frequency
Figure 7. Input Noise Voltage vs Time
Figure 9. Voltage Noise Distribution (10 Hz)
Figure 10. Offset Voltage Production Distribution
Figure 11. Offset Voltage Drift Production Distribution
Figure 12. Warm-Up Offset Voltage Drift
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA227 OPA2227 OPA4227 OPA228 OPA2228 OPA4228


Similar Part No. - OPA2227P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2227P BURR-BROWN-OPA2227P Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA2227PA BURR-BROWN-OPA2227PA Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA2227PAG4 BURR-BROWN-OPA2227PAG4 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA2227PG4 BURR-BROWN-OPA2227PG4 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2227P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA227 TI-OPA227_07 Datasheet
838Kb / 27P
[Old version datasheet]   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27GU TI-OP27GU Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com