Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7CX-AD-N Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # H7CX-AD-N
Description  Multifunction Counter/Tachometer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-AD-N Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button H7CX-AD-N Datasheet HTML 6Page - Omron Electronics LLC H7CX-AD-N Datasheet HTML 7Page - Omron Electronics LLC H7CX-AD-N Datasheet HTML 8Page - Omron Electronics LLC H7CX-AD-N Datasheet HTML 9Page - Omron Electronics LLC H7CX-AD-N Datasheet HTML 10Page - Omron Electronics LLC H7CX-AD-N Datasheet HTML 11Page - Omron Electronics LLC H7CX-AD-N Datasheet HTML 12Page - Omron Electronics LLC H7CX-AD-N Datasheet HTML 13Page - Omron Electronics LLC H7CX-AD-N Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
10
H7CX-A
@-N
Nomenclature
Dimensions
(Unit: mm)
Counters
ON
(Enable)
(Default setting) OFF
(Disable)
RST
11
10
9
10
11
8
6
7
4
12
13
8
6
7
12
5
4
1st digit
4th digit
1st digit
6th digit
1
1
2
2
3
3
5
1
4
1
1
2
4
Display Section
3. Reset Indicator (orange)
1. Key Protect Indicator (orange)
2. Control Output Indicator (orange)
4. Total Count Indicator
6. Set Value 1, 2 Stage Indicator
8. Set value (Sub-display)
(Character height: 6 mm, green)
9. Hold Display (orange)
OUT: (One-stage)
OUT:
(Two-stage)
(Lit when the total count value is displayed.)
(Lit when the reset input (1) or Reset Key is ON.)
Displayed only when the configuration selection
mode is not tachometer mode.
5. Batch Indicator
(Lit when the batch count value is displayed.)
Operation Keys
10. Mode Key
(Changes modes and setting items.)
11. Reset Key (See note.)
12. Up Keys
to
1
6
(6-digit models:
to
)
13. Down Keys
to
Switches
14. Key-protect Switch
15. DIP Switch
7. Present Value (Main Display)
(Character height: 12 mm (6-digit: 10 mm), red*)
(Front view of 4-digit model)
(Front view of 6-digit model)
* Characters on models with screw terminals (H7CX-A11
@)
can be switched between red, green, and orange.
Displayed only when the configuration selection
mode is not tachometer mode.
OFF
ON
12345678
Note: The reset functions depends on the selected configuration.
Configuration
Reset operation
1-stage/2-stage
preset counter
Resets the present value and outputs.
Total and preset
counter
• Resets the present value and outputs.
• When the total count value is displayed, resets the
present value, the total count value, and outputs.
Batch counter
• Resets the present value and OUT2.
• When the batch count value is displayed, resets the
present value, the batch count value, and outputs.
Dual counter
Resets the CP1 present value, CP2 present value, dual
count value, and outputs.
Twin counter
Resets the CP1 present value and output 1 when the
CP1 present value is displayed.
Resets the CP2 present value and output 2 when the
CP2 present value is displayed.
Tachometer
Holds the measurement value and outputs (hold
function).
(When the input mode is 2-input independent
measurement, the CP1 measurement value display will
hold the CP1 measurement value and output 1 and the
CP2 measurement value display will hold the CP2
measurement value and output 2.)
14
15
Model with 4 Digits
6 mm
12 mm
Character Size
for Sub-display
Character Size
for Main Display
Model with 6 Digits
10 mm
6 mm
Character Size
for Sub-display
Character Size
for Main Display
44.8
× 44.8
78
48
× 48
6
H7CX-A-N/-AS-N/-AW-N/-AWS-N/-AWD1-N/-AWSD1-N/-A4-N/-A4S-N/-A4W-N/-AU-N/-AUD1-N/-AUSD1-N
(Flush Mounting Models)
Note: M3.5 terminal screw (effective length: 6 mm)


Similar Part No. - H7CX-AD-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7CX-AD OMRON-H7CX-AD Datasheet
2Mb / 43P
   Multifunction Preset Counter
H7CX-AD1 OMRON-H7CX-AD1 Datasheet
2Mb / 43P
   Multifunction Preset Counter
H7CX-AD1G OMRON-H7CX-AD1G Datasheet
2Mb / 43P
   Multifunction Preset Counter
H7CX-ADG OMRON-H7CX-ADG Datasheet
2Mb / 43P
   Multifunction Preset Counter
More results

Similar Description - H7CX-AD-N

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KCT-6ST-C PF-KCT-6ST-C Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KC-LCDC-48-6T-230VAC PF-KC-LCDC-48-6T-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
logo
Omron Electronics LLC
H7CC OMRON-H7CC Datasheet
15Mb / 66P
   Digital Counter/Tachometer
logo
Pepperl+Fuchs Inc.
KC-LCDL-48-2R-24VDC PF-KC-LCDL-48-2R-24VDC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KC-LCDC-48-2R-230VAC PF-KC-LCDC-48-2R-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KCT-6S-C PF-KCT-6S-C Datasheet
1Mb / 2P
   Timer, Counter, Tachometer
KC-LCDC-48-2T-230VAC PF-KC-LCDC-48-2T-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
TC-LCDC-8A-24VDC PF-TC-LCDC-8A-24VDC Datasheet
705Kb / 3P
   Counter/Timer/Tachometer
KC-LCDC-48-6T-24VDC PF-KC-LCDC-48-6T-24VDC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KCT2-6ST-V PF-KCT2-6ST-V Datasheet
151Kb / 3P
   Counter/Timer/Tachometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com