Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2227UA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2227UA
Description  High Precision, Low Noise Operational Amplifiers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2227UA Datasheet(HTML) 2 Page - Texas Instruments

  OPA2227UA Datasheet HTML 1Page - Texas Instruments OPA2227UA Datasheet HTML 2Page - Texas Instruments OPA2227UA Datasheet HTML 3Page - Texas Instruments OPA2227UA Datasheet HTML 4Page - Texas Instruments OPA2227UA Datasheet HTML 5Page - Texas Instruments OPA2227UA Datasheet HTML 6Page - Texas Instruments OPA2227UA Datasheet HTML 7Page - Texas Instruments OPA2227UA Datasheet HTML 8Page - Texas Instruments OPA2227UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
OPA227, OPA2227, OPA4227
OPA228, OPA2228, OPA4228
SBOS110B – MAY 1998 – REVISED JUNE 2015
www.ti.com
Table of Contents
7.2
Functional Block Diagram ....................................... 16
1
Features .................................................................. 1
7.3
Feature Description................................................. 16
2
Applications ........................................................... 1
7.4
Device Functional Modes........................................ 23
3
Description ............................................................. 1
8
Application and Implementation ........................ 24
4
Revision History..................................................... 2
8.1
Application Information............................................ 24
5
Pin Configuration and Functions ......................... 3
8.2
Typical Application .................................................. 26
6
Specifications......................................................... 5
9
Power Supply Recommendations ...................... 29
6.1
Absolute Maximum Ratings ...................................... 5
10
Layout................................................................... 29
6.2
ESD Ratings.............................................................. 5
10.1
Layout Guidelines ................................................. 29
6.3
Recommended Operating Conditions ....................... 5
10.2
Layout Example .................................................... 30
6.4
Thermal Information: OPA227U/UA and
OPA228U/UA ............................................................ 5
11
Device and Documentation Support ................. 31
6.5
Thermal Information: OPA227P/PA and
11.1
Device Support .................................................... 31
OPA228P/PA ............................................................. 6
11.2
Documentation Support ........................................ 31
6.6
Electrical Characteristics: OPAx227 Series (VS = ±5
11.3
Related Links ........................................................ 31
V to ±15 V) ................................................................. 7
11.4
Trademarks ........................................................... 31
6.7
Electrical Characteristics: OPAx228 Series (VS = ±5
11.5
Electrostatic Discharge Caution ............................ 32
V to ±15 V) ................................................................. 8
11.6
Glossary ................................................................ 32
6.8
Typical Characteristics ............................................ 10
12
Mechanical, Packaging, and Orderable
7
Detailed Description ............................................ 16
Information ........................................................... 32
7.1
Overview ................................................................. 16
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (January 2005) to Revision B
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: OPA227 OPA2227 OPA4227 OPA228 OPA2228 OPA4228


Similar Part No. - OPA2227UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2227UA BURR-BROWN-OPA2227UA Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2227UA TI-OPA2227UA Datasheet
838Kb / 27P
[Old version datasheet]   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2227UA/2K5 BURR-BROWN-OPA2227UA/2K5 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA2227UA/2K5E4 BURR-BROWN-OPA2227UA/2K5E4 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2227UA2K5 TI-OPA2227UA2K5 Datasheet
838Kb / 27P
[Old version datasheet]   High Precision, Low Noise OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2227UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA227 TI-OPA227_07 Datasheet
838Kb / 27P
[Old version datasheet]   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27GU TI-OP27GU Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com