Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA348AQDBVRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA348AQDBVRQ1
Description  CMOS Rail-to-Rail Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA348AQDBVRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA348AQDBVRQ1 Datasheet HTML 6Page - Texas Instruments OPA348AQDBVRQ1 Datasheet HTML 7Page - Texas Instruments OPA348AQDBVRQ1 Datasheet HTML 8Page - Texas Instruments OPA348AQDBVRQ1 Datasheet HTML 9Page - Texas Instruments OPA348AQDBVRQ1 Datasheet HTML 10Page - Texas Instruments OPA348AQDBVRQ1 Datasheet HTML 11Page - Texas Instruments OPA348AQDBVRQ1 Datasheet HTML 12Page - Texas Instruments OPA348AQDBVRQ1 Datasheet HTML 13Page - Texas Instruments OPA348AQDBVRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
1
Frequency (Hz)
10
100
1k
10k
100k
10k
1k
100
10
1k
100
10
1
V
N
I
N
10
Frequency (Hz)
100
1k
10k
100k
1.000
0.100
0.010
0.001
2 µs/div
10 µs/div
Load Capacitance (pF)
10
100
1k
10k
60
50
40
30
20
10
0
10
Load Capacitance (pF)
100
1k
10k
60
50
40
30
20
10
0
G = +1 V/V, R
L = 100 kW
G = –1 V/V, R
FB = 5 kW
G = –1 V/V, R
FB = 100 kW
OPA348-Q1, OPA2348-Q1, OPA4348-Q1
SBOS465C – JANUARY 2009 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, RL = 100 kΩ connected to VS / 2, VOUT = VS / 2 (unless otherwise noted).
G = ±5 V/V, RFB = 100 kΩ
Figure 13. Small-Signal Overshoot vs Load Capacitance
Figure 14. Percent Overshoot vs Load Capacitance
G = 1 V/V
RL = 100 kΩ
CL = 100 pF
G = 1 V/V
RL = 100 kΩ
CL = 100 pF
Figure 15. Small-Signal Step Response
Figure 16. Large-Signal Step Response
Figure 18. Total Harmonic Distortion + Noise vs Frequency
Figure 17. Input Current and Voltage Noise Spectral Density
vs Frequency
10
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: OPA348-Q1 OPA2348-Q1 OPA4348-Q1


Similar Part No. - OPA348AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348AI TI-OPA348AI Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348AID TI-OPA348AID Datasheet
318Kb / 14P
[Old version datasheet]   1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348AID TI-OPA348AID Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348AID TI-OPA348AID Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA348AID BURR-BROWN-OPA348AID Datasheet
501Kb / 19P
   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA348AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
   RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1704A ADL-ALD1704A Datasheet
79Kb / 9P
   RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A_10 Datasheet
84Kb / 9P
   RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2348-DIE TI-OPA2348-DIE Datasheet
74Kb / 5P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
   Rail-to-Rail CMOS Dual Operational Amplifier
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com