Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA541 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA541
Description  High Power Monolithic Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA541 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA541 Datasheet HTML 3Page - Texas Instruments OPA541 Datasheet HTML 4Page - Texas Instruments OPA541 Datasheet HTML 5Page - Texas Instruments OPA541 Datasheet HTML 6Page - Texas Instruments OPA541 Datasheet HTML 7Page - Texas Instruments OPA541 Datasheet HTML 8Page - Texas Instruments OPA541 Datasheet HTML 9Page - Texas Instruments OPA541 Datasheet HTML 10Page - Texas Instruments OPA541 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
120
110
100
90
80
70
60
50
10
100
1k
10k
100k
1M
Frequency (Hz)
Time (1µs/division)
10
1
0.1
0.01
0.1
1
10
R
( )
CL
TO-3
Power Plastic
NOTE: These are averaged values.
–I
is typically 10% higher.
+I
is typically 10% lower.
OUT
OUT
10
1
0.1
0.01
0.1
1
10
R
( )
CL
Power Plastic at –25°C
Power Plastic at +85°C
NOTE: These are averaged values.
–I
is typically 10% higher.
+I
is typically 10% lower.
OUT
OUT
TO-3 at –25°C
TO-3 at +85°C
OPA541
www.ti.com
SBOS153B – SEPTEMBER 2000 – REVISED JANUARY 2016
Typical Characteristics (continued)
At TA = 25°C, VS = ±35 VDC, unless otherwise noted.
Figure 7. Current Limit vs Resistance Limit
Figure 8. Current Limit vs Resistance Limit vs Temperature
Figure 10. Dynamic Response
Figure 9. Common-Mode Rejection vs Frequency
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA541


Similar Part No. - OPA541

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA541 BURR-BROWN-OPA541 Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
OPA541AM BURR-BROWN-OPA541AM Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
OPA541AP BURR-BROWN-OPA541AP Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
OPA541BM BURR-BROWN-OPA541BM Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
OPA541SM BURR-BROWN-OPA541SM Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
More results

Similar Description - OPA541

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA541 BURR-BROWN-OPA541 Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
logo
Motorola, Inc
MC1709 MOTOROLA-MC1709 Datasheet
761Kb / 4P
   MONOLITHIC OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM6313 NSC-LM6313 Datasheet
246Kb / 10P
   High Power Operational Amplifier
logo
Cirrus Logic
CPA241 CIRRUS-CPA241 Datasheet
163Kb / 2P
   High Power Operational Amplifier
CPA241 APEX-CPA241 Datasheet
114Kb / 1P
   HIGH POWER OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK115 ANAREN-MSK115 Datasheet
378Kb / 7P
   HIGH POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
   MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
   MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
Analog Devices
AD546 AD-AD546_15 Datasheet
457Kb / 12P
   1A Monolithic Electrometer Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com