Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2376-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2376-Q1
Description  Low-Noise, Low Quiescent Current, Precision Operational Amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2376-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2376-Q1 Datasheet HTML 1Page - Texas Instruments OPA2376-Q1 Datasheet HTML 2Page - Texas Instruments OPA2376-Q1 Datasheet HTML 3Page - Texas Instruments OPA2376-Q1 Datasheet HTML 4Page - Texas Instruments OPA2376-Q1 Datasheet HTML 5Page - Texas Instruments OPA2376-Q1 Datasheet HTML 6Page - Texas Instruments OPA2376-Q1 Datasheet HTML 7Page - Texas Instruments OPA2376-Q1 Datasheet HTML 8Page - Texas Instruments OPA2376-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
OffsetVoltage( V)
m
1
10
100
10
1
Frequency(Hz)
100k
100
1k
10k
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
OPA376-Q1, OPA2376-Q1, OPA4376-Q1
SBOS549A – APRIL 2011 – REVISED JANUARY 2016
OPAx376-Q1 Low-Noise, Low Quiescent Current, Precision Operational Amplifier
e-trim Series
1 Features
3 Description
The OPA376-Q1 family represent a new generation
1
Qualified for Automotive Applications
of low-noise operational amplifiers with e-trim™,
AEC-Q100 Qualified With the Following Results:
offering outstanding dc precision and ac performance.
Device Temperature Grade 1: –40°C to
Rail-to-rail output, low offset (25
μV maximum), low
+125°C Ambient Operating Temperature
noise (7.5 nV/
√Hz), quiescent current of 950 μA
(maximum), and a 5.5-MHz bandwidth make this part
Range
very attractive for a variety of precision and portable
Device HBM ESD Classification Level 3A
applications. In addition, this device has a reasonably
Device CDM ESD Classification Level C6
wide supply range with excellent PSRR, making it
Low Noise: 7.5 nV/
√Hz at 1 kHz
attractive for applications that run directly from
batteries without regulation.
0.1 Hz to 10 Hz Noise: 0.8
μVPP
The OPA376-Q1 (single version) is available in
Quiescent Current: 760
μA (typical)
MicroSIZE SC70-5, SOT23-5, and SOIC-8 packages.
Low Offset Voltage: 5
μV (typ)
The OPA2376-Q1 (dual) is offered in the SOIC-8 and
Gain Bandwidth Product: 5.5 MHz
VSSOP-8 package. The OPA4376-Q1 (quad) is
Rail-to-Rail Input and Output
offered in a TSSOP-14 package. All versions are
specified for operation from –40°C to +125°C.
Single-Supply Operation
Supply Voltage: 2.2 V to 5.5 V
Device Information(1)
Space-Saving Packages:
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SC70, SOT-23, VSSOP, TSSOP
SC70 (5)
2.00 mm × 1.25 mm
OPA376-Q1
SOT-23 (5)
2.90 mm × 1.60 mm
2 Applications
SOIC (8)
4.90 mm × 3.91 mm
ADC Buffer
SOIC (8)
4.90 mm × 3.91 mm
OPA2376-Q1
Audio Equipment
VSSOP (8)
3.00 mm × 3.00 mm
Medical Instrumentation
OPA4376-Q1
TSSOP (14)
5.00 mm × 4.40 mm
Handheld Test Equipment
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Active Filtering
Sensor Signal Conditioning
Offset Voltage Production Distribution
Input Voltage Noise Spectral Density
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA2376-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2376-Q1 TI1-OPA2376-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
More results

Similar Description - OPA2376-Q1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
logo
Texas Instruments
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA2376AIYZDR TI-OPA2376AIYZDR Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376 TI-OPA376_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com