Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4350EA Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA4350EA
Description  Rail-to-Rail Operational Amplifiers MicroAmplifier Series
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4350EA Datasheet(HTML) 3 Page - Texas Instruments

  OPA4350EA Datasheet HTML 1Page - Texas Instruments OPA4350EA Datasheet HTML 2Page - Texas Instruments OPA4350EA Datasheet HTML 3Page - Texas Instruments OPA4350EA Datasheet HTML 4Page - Texas Instruments OPA4350EA Datasheet HTML 5Page - Texas Instruments OPA4350EA Datasheet HTML 6Page - Texas Instruments OPA4350EA Datasheet HTML 7Page - Texas Instruments OPA4350EA Datasheet HTML 8Page - Texas Instruments OPA4350EA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Out D
In D
+In D
V
+In C
In C
Out C
NC
Out A
In A
+In A
+V
+In B
In B
Out B
NC
A
D
B
C
1
2
3
4
8
7
6
5
V+
Out B
−In B
+In B
Out A
−In A
+In A
A
B
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
In D
+In D
V
+In C
In C
Out C
Out A
In A
+In A
V+
+In B
In B
Out B
A
D
B
C
1
2
3
4
8
7
6
5
NC
V+
Output
NC
NC
−In
+In
V−
OPA350, OPA2350, OPA4350
www.ti.com
SBOS099D – SEPTEMBER 2000 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
D Package
14-Pin SOIC
OPA350: P, D, and DGK Packages
Top View
8-Pin PDIP, SOIC, and VSSOP
Top View
OPA2350: P, D, and DGK Packages
8-Pin PDIP, SOIC, and VSSOP
Top View
DBQ Package
16-Pin SSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
OPA350
OPA2350
OPA4350 SO-14
OPA4350 SSOP
NAME
NO.
NO.
NO.
NO.
NC
1, 5, 8
8, 9
No internal connection
–In
2
I
Inverting input
+In
3
I
Noninverting input
V–
4
4
11
13
I
Negative power supply
Output
6
O
Output
V+
7
8
4
4
I
Positive power supply
Out A
1
1
1
O
Output channel A
–In A
2
2
2
I
Inverting input channel A
+In A
3
3
3
I
Noninverting input channel A
+In B
5
5
5
I
Noninverting input channel B
–In B
6
6
6
I
Inverting input channel B
Out B
7
7
7
O
Output channel B
Out C
8
10
O
Output channel C
–In C
9
11
I
Inverting input channel C
+In C
10
12
I
Noninverting input channel C
+In D
12
14
I
Noninverting input channel D
–In D
13
15
I
Inverting input channel D
Out D
14
16
O
Output channel D
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA350 OPA2350 OPA4350


Similar Part No. - OPA4350EA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4350EA BURR-BROWN-OPA4350EA Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA4350EA TI-OPA4350EA Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA4350EA-250 TI-OPA4350EA-250 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA4350EA-2K5 TI-OPA4350EA-2K5 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA4350EA/250 BURR-BROWN-OPA4350EA/250 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
More results

Similar Description - OPA4350EA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA340 BURR-BROWN-OPA340 Datasheet
348Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA342 BURR-BROWN-OPA342 Datasheet
234Kb / 10P
   Low Cost, Low Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com