Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA548T Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA548T
Description  High-Voltage, High-Current Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA548T Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA548T Datasheet HTML 3Page - Texas Instruments OPA548T Datasheet HTML 4Page - Texas Instruments OPA548T Datasheet HTML 5Page - Texas Instruments OPA548T Datasheet HTML 6Page - Texas Instruments OPA548T Datasheet HTML 7Page - Texas Instruments OPA548T Datasheet HTML 8Page - Texas Instruments OPA548T Datasheet HTML 9Page - Texas Instruments OPA548T Datasheet HTML 10Page - Texas Instruments OPA548T Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
OPA548
www.ti.com
SBOS070C – OCTOBER 1997 – REVISED JUNE 2015
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VE/S LOW (output disabled)
E/S Pin Forced Low
(V–) + 0.8
V
IE/S HIGH (output enabled)
E/S Pin High
–65
µA
IE/S LOW (output disabled)
E/S Pin Low
–70
µA
Output Disable Time
1
µs
Output
3
µs
Enable Time
Thermal Shutdown Status Output
Normal Operation
Sourcing 20 µA
(V–) + 2.4
(V–) + 3.5
V
Thermally Shutdown
Sinking 5 µA, TJ > 160°C
(V–) + 0.35
(V–) + 0.8
V
Junction
Shutdown
160
°C
Temperature
Reset from Shutdown
140
°C
POWER SUPPLY
Specified Voltage
±30
V
Operating Voltage Range
±4
±30
V
Quiescent Current
ILIM Connected to V–, IO = 0
±17
±20
mA
Quiescent Current, Shutdown Mode
ILIM Connected to V–, IO = 0
±6
nA
TEMPERATURE RANGE
Specified Range
–40
85
°C
Operating Range
–40
125
°C
Storage Range
–55
125
°C
Thermal Resistance, RθJC
7-Lead DDPAK,
f > 50 Hz
2
°C/W
7-Lead TO-220
7-Lead DDPAK,
DC
2.5
°C/W
7-Lead TO-220
Thermal Resistance, RθJA
7-Lead DDPAK,
No Heat Sink
65
°C/W
7-Lead TO-220
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA548


Similar Part No. - OPA548T

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA548T BURR-BROWN-OPA548T Datasheet
284Kb / 16P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548T TI-OPA548T Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA548T-1 TI-OPA548T-1 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA548T-1G3 TI-OPA548T-1G3 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA548TG3 TI-OPA548TG3 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results

Similar Description - OPA548T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547 BURR-BROWN-OPA547_02 Datasheet
319Kb / 16P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA549 BURR-BROWN-OPA549 Datasheet
140Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181 Datasheet
518Kb / 6P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_06 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544 TI-OPA544 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
3583 BURR-BROWN-3583 Datasheet
113Kb / 6P
   High Voltage, High Current OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com