Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1632DGNRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA1632DGNRG4
Description  High-Performance, Fully-Differential Audio Operational Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1632DGNRG4 Datasheet(HTML) 4 Page - Texas Instruments

  OPA1632DGNRG4 Datasheet HTML 1Page - Texas Instruments OPA1632DGNRG4 Datasheet HTML 2Page - Texas Instruments OPA1632DGNRG4 Datasheet HTML 3Page - Texas Instruments OPA1632DGNRG4 Datasheet HTML 4Page - Texas Instruments OPA1632DGNRG4 Datasheet HTML 5Page - Texas Instruments OPA1632DGNRG4 Datasheet HTML 6Page - Texas Instruments OPA1632DGNRG4 Datasheet HTML 7Page - Texas Instruments OPA1632DGNRG4 Datasheet HTML 8Page - Texas Instruments OPA1632DGNRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
OPA1632
SBOS286C – DECEMBER 2003 – REVISED OCTOBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
±VS
Supply Voltage
±16.5
V
VI
Input Voltage
±VS
V
IO
Output Current
150
mA
VID
Differential Input Voltage
±3
V
TJ
Maximum Junction Temperature
150
°C
Operating Free-Air Temperature Range
–40
85
°C
TSTG
Storage Temperature Range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The OPA1632 MSOP-8 package version incorporates a PowerPAD on the underside of the chip. This acts as a heatsink and must be
connected to a thermally-dissipative plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction
temperature, which can permanently damage the device. See TI technical brief SLMA002 for more information about using the
PowerPAD thermally-enhanced package.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
V(ESD)
Electrostatic discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
V
Machine Model
±200
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Dual
±2.5
±15
Supply voltage (V+ – V-)
V
Single
5
30
C-suffic
-0
70
TA
°C
I-suffic
.40
85
6.4 Thermal Information
OPA1632
D
RGN
THERMAL METRIC(1)
UNIT
(SOIC)
(MSOP-PowerPAD)
8 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
114.5
59.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
60.3
57.7
°C/W
RθJB
Junction-to-board thermal resistance
54.8
38.7
°C/W
ψJT
Junction-to-top characterization parameter
14
2.7
°C/W
ψJB
Junction-to-board characterization parameter
43.3
38.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
8.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: OPA1632


Similar Part No. - OPA1632DGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1632DGNRG4 TI-OPA1632DGNRG4 Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
logo
Burr-Brown (TI)
OPA1632DGNRG4 BURR-BROWN-OPA1632DGNRG4 Datasheet
494Kb / 16P
   High-Performance, Fully-Differential AUDIO OP AMP
More results

Similar Description - OPA1632DGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1633 TI1-OPA1633 Datasheet
1Mb / 26P
[Old version datasheet]   OPA1633 High-Performance, Fully-Differential Audio Operational Amplifier
FEBRUARY 2023
OPA1633 TI1-OPA1633_V01 Datasheet
1Mb / 31P
[Old version datasheet]   OPA1633 High-Performance, Fully Differential Audio Operational Amplifier
REVISED JULY 2023
logo
National Semiconductor ...
LME49724 NSC-LME49724 Datasheet
699Kb / 24P
   High Performance, High Fidelity, Fully-Differential Audio Operational Amplifier
logo
Texas Instruments
LME49724 TI1-LME49724 Datasheet
1Mb / 30P
[Old version datasheet]   High Performance, High Fidelity, Fully-Differential Audio Operational Amplifier
logo
Burr-Brown (TI)
OPA1632 BURR-BROWN-OPA1632 Datasheet
494Kb / 16P
   High-Performance, Fully-Differential AUDIO OP AMP
logo
Texas Instruments
OPA1632 TI-OPA1632_07 Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
OPA1637 TI1-OPA1637_V01 Datasheet
1Mb / 34P
[Old version datasheet]   OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown??Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com